Electronic Components Datasheet Search
  English  ▼

X  

IL213 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # IL213
Description  SMALL OUTLINE OPTICALLY COUPLED ISOLATOR TRANSISTOR OUTPUT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IL213 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  IL213 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL213 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL213 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DB92440-AAS/A2
7/12/00
50
-30
0
25
50
75
100
125
Ambient temperature T
A ( °C )
150
0
200
Ambient temperature T
A ( °C )
60
30
20
10
0
40
50
-30
0
25
50
75
100
125
Collector Power Dissipation vs. Ambient Temperature
Forward Current vs. Ambient Temperature
-30
0
25
50
75
100
Ambient temperature T
A ( °C )
100
0
0.5
1.0
1.5
I
F = 10mA
V
CE = 5V
Current Transfer Ratio vs. Forward Current
Forward current I
F (mA)
1
2
5
10
20
50
0
80
120
160
200
240
40
280
320
Forward current I
F (mA)
Current Transfer Ratio vs. Forward Current
0
80
120
160
200
240
40
280
320
0
80
120
160
200
240
40
280
320
Forward current I
F (mA)
Current Transfer Ratio vs. Forward Current
Relative Current Transfer Ratio
vs. Ambient Temperature
IL208
IL207
IL206
IL205
IL213
IL212
IL211
IL217
IL216
IL215
1
2
5
10
20
50
1
2
5
10
20
50
V
CE = 5V
T
A = 25°C
V
CE = 5V
T
A = 25°C
V
CE = 5V
T
A = 25°C
70
80



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com