Electronic Components Datasheet Search
  English  ▼

X  

LPC2220 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # LPC2220
Description  16/32-bit ARM microcontrollers; flashless with 64 kB, with 10-bit ADC and external memory interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2220 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button LPC2220 Datasheet HTML 29Page - NXP Semiconductors LPC2220 Datasheet HTML 30Page - NXP Semiconductors LPC2220 Datasheet HTML 31Page - NXP Semiconductors LPC2220 Datasheet HTML 32Page - NXP Semiconductors LPC2220 Datasheet HTML 33Page - NXP Semiconductors LPC2220 Datasheet HTML 34Page - NXP Semiconductors LPC2220 Datasheet HTML 35Page - NXP Semiconductors LPC2220 Datasheet HTML 36Page - NXP Semiconductors LPC2220 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
9397 750 14061
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02— 30 May 2005
33 of 49
Philips Semiconductors
LPC2210/2220
16/32-bit ARM microcontrollers with external memory interface
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (+25
°C), nominal supply voltages.
[2]
Including voltage on outputs in 3-state mode.
[3]
VDD(3V3) supply voltages must be present.
[4]
3-state outputs go into 3-state mode when VDD(3V3) is grounded.
[5]
Accounts for 100 mV voltage drop in all supply lines.
[6]
Only allowed for a short time period.
[7]
Minimum condition for VI = 4.5 V, maximum condition for VI = 5.5 V.
IDD
active mode supply current
VDD(1V8) = 1.8 V,
Tamb =25 °C,
code
while(1){}
executed from on-chip RAM,
no active peripherals
CCLK = 60 MHz (LPC2210)
-
50
70
mA
CCLK = 75 MHz (LPC2220)
-
50
70
mA
Power-down mode
VDD(1V8) = 1.8 V,
Tamb = +25 °C,
-10
-
µA
VDD(1V8) = 1.8 V,
Tamb = +85 °C
-
110
500
µA
RPDB
pull-down boot resistor on
BOOT1:0 pins for system
configuration selection
unloaded data bus lines D26
and/or D27
-10
-
k
Ω
data bus lines D26 and/or
D27 are loaded with
external memory and/or
memory mapped I/Os
leaking total additional
current Ilkgt
--
Ω
I2C-bus pins
VIH
HIGH-state input voltage
0.7VDD(3V3)
--V
VIL
LOW-state input voltage
-
-
0.3VDD(3V3) V
Vhys
hysteresis voltage
-
0.5VDD(3V3) -V
VOL
LOW-state output voltage
IOLS = 3 mA
[5] -
-
0.4
V
ILI
input leakage current to VSS VI =VDD(3V3)
-2
4
µA
VI = 5 V
-
10
22
µA
Oscillator pins
VXTAL1
XTAL1 input voltages
0
-
1.8
V
VXTAL2
XTAL2 output voltages
0
-
1.8
V
Table 11:
Static characteristics …continued
Tamb = −40 °C to +85 °C for commercial applications, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ [1]
Max
Unit
0.7 V
70
µAI
lkgt
+
--------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com