Electronic Components Datasheet Search
  English  ▼

X  

BU323Z Datasheet(PDF) 1 Page - ON Semiconductor

Part # BU323Z
Description  AUTOPROTECTED DARLINGTON 10 AMPERES 360-450 VOLTS CLAMP 150 WATTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BU323Z Datasheet(HTML) 1 Page - ON Semiconductor

  BU323Z Datasheet HTML 1Page - ON Semiconductor BU323Z Datasheet HTML 2Page - ON Semiconductor BU323Z Datasheet HTML 3Page - ON Semiconductor BU323Z Datasheet HTML 4Page - ON Semiconductor BU323Z Datasheet HTML 5Page - ON Semiconductor BU323Z Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Bipolar Power Transistor Device Data
Advance Information
NPN Silicon Power Darlington
High Voltage Autoprotected
The BU323Z is a planar, monolithic, high–voltage power Darlington with a built–in
active zener clamping circuit. This device is specifically designed for unclamped,
inductive applications such as Electronic Ignition, Switching Regulators and Motor
Control, and exhibit the following main features:
• Integrated High–Voltage Active Clamp
• Tight Clamping Voltage Window (350 V to 450 V) Guaranteed
Over the – 40
°C to +125°C Temperature Range
• Clamping Energy Capability 100% Tested in a Live
Ignition Circuit
• High DC Current Gain/Low Saturation Voltages
Specified Over Full Temperature Range
• Design Guarantees Operation in SOA at All Times
• Offered in Plastic SOT–93/TO–218 Type or
TO–220 Packages
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Sustaining Voltage
VCEO
350
Vdc
Collector–Emitter Voltage
VEBO
6.0
Vdc
Collector Current — Continuous
— Peak
IC
ICM
10
20
Adc
Base Current — Continuous
— Peak
IB
IBM
3.0
6.0
Adc
Total Power Dissipation
(TC = 25_C)
Derate above 25
_C
PD
150
1.0
Watts
W/
_C
Operating and Storage Junction Temperature Range
TJ, Tstg
– 65 to + 175
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
1.0
_C/W
Maximum Lead Temperature for Soldering Purposes:
1/8
″ from Case for 5 Seconds
TL
260
_C
This document contains information on a new product. Specifications and information herein are subject to change without notice.
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by BU323Z/D
© Motorola, Inc. 1996
BU323Z
AUTOPROTECTED
DARLINGTON
10 AMPERES
360 – 450 VOLTS CLAMP
150 WATTS
CASE 340D–02
SOT–93/TO–218 TYPE
360 V
CLAMP
REV 8


Similar Part No. - BU323Z

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BU323Z MOTOROLA-BU323Z Datasheet
200Kb / 6P
AUTOPROTECTED DARLINGTON 10 AMPERES 360-450 VOLTS CLAMP 150 WATTS
logo
ON Semiconductor
BU323Z ONSEMI-BU323Z Datasheet
142Kb / 7P
NPN Silicon Power Darlington High Voltage Autoprotected
March, 2006 ??Rev. 12
BU323Z ONSEMI-BU323Z Datasheet
178Kb / 6P
NPN Silicon Power Darlington
October, 2009 ??Rev. 14
BU323Z ONSEMI-BU323Z Datasheet
132Kb / 8P
NPN Silicon Power Darlington
May, 2012 ??Rev. 16
logo
Inchange Semiconductor ...
BU323Z ISC-BU323Z Datasheet
291Kb / 2P
isc Silicon NPN Darlington Power Transistor
More results

Similar Description - BU323Z

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BU323Z MOTOROLA-BU323Z Datasheet
200Kb / 6P
AUTOPROTECTED DARLINGTON 10 AMPERES 360-450 VOLTS CLAMP 150 WATTS
BU522B MOTOROLA-BU522B Datasheet
105Kb / 4P
7 AMPERES DARLINGTON POWER TRANSISTORS NPN SILICON 450 VOLTS 75 WATTS
BUT11AF MOTOROLA-BUT11AF Datasheet
120Kb / 6P
POWER TRANSISTOR 5.0 AMPERES 450 VOLTS 40 WATTS
MJD44E3 MOTOROLA-MJD44E3 Datasheet
80Kb / 4P
NPN DARLINGTON SILICON POWER TRANSISTOR 10 AMPERES 80 VOLTS 20 WATTS
MJE18009 MOTOROLA-MJE18009 Datasheet
433Kb / 10P
POWER TRANSISTORS 10 AMPERES 1000 VOLTS 50 and 150 WATTS
MJW16212 MOTOROLA-MJW16212 Datasheet
291Kb / 8P
POWER TRANSISTOR 10 AMPERES 1500 VOLTS - VCES 50 AND 150 WATTS
logo
Powerex Power Semicondu...
KD324515 POWEREX-KD324515 Datasheet
428Kb / 4P
Dual Darlington Transistor Module (150 Amperes/600 Volts)
KD421K15 POWEREX-KD421K15 Datasheet
402Kb / 4P
Dual Darlington Transistor Module (150 Amperes/1000 Volts)
KS221K15 POWEREX-KS221K15 Datasheet
393Kb / 4P
Single Darlington Transistor Module (150 Amperes/1000 Volts)
KS224515 POWEREX-KS224515 Datasheet
480Kb / 4P
Single Darlington Transistor Module (150 Amperes/600 Volts)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com