Electronic Components Datasheet Search
  English  ▼

X  

SMDJ Datasheet(PDF) 1 Page - Shanghai Yint Electronic Co., Ltd

Part # SMDJ
Description  SMDJ Transient Voltage Suppressor Diode Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

SMDJ Datasheet(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd

  SMDJ Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd SMDJ Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd SMDJ Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd SMDJ Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd SMDJ Datasheet HTML 5Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Transient Voltage Suppression Diodes
Trustworthy electronic circuit protection expert
SMDJ Series
www.yint.com.cn
Rev:19.3
1
SMDJ Transient Voltage Suppressor Diode Series
General Information
The SMD series is designed to protect voltage sensitive components from high
voltage, high energy transients. They have excellent clamping capability, high surge
capability, low zener impedance and fast response time. The SMD series is supplied
in YINT Semiconductor’s exclusive, cost-effective, highly reliable and is ideally
suited for use in communication systems, automotive, numerical controls, process
controls, medical equipment, business machines, power supplies and many other
industrial/consumer Applications.
Features
Case: DO-214AB/SMC
For surface mounted applications in order to optimize board space.
Polarity: Color band denoted positive end (cathode) except Bidirectional.
Typical failure mode is short from over-specified voltage or current
High Temperature soldering:260°C/10 seconds at terminals.
Terminal: Solder plated, solderable per MIL-STD-750,Method 2026.
Applications
TVS devices are ideal for the
protection of I/O Interfaces, VCC bus
and other vulnerable circuits used in
Telecom, Computer, Industrial and
Consumer electronic applications
Electrical Characteristics (@ TA = 25°C Unless Otherwise Noted)
Parameter
Symbol
Value
Unit
Minimum Peak Pulse Power Dissipation (T = 1 ms) (note1 note 2)
PPK
3000
Watts
Peak Forward Surge Current
8.3 ms Single Half Sine Wave Superimposed on Rated Load
(JEDEC Method) (Note 3)
IFSM
300
Amps
Steady State Power Dissipation @ TL = 75 °C
PM(AV)
6.5
Watts
Maximum Instantaneous Forward Voltage @ I PP = 50 A
(For Unidirectional Units Only)(note4 note 5)
VF
3.5/5
Volts
Operating Temperature Range
TJ
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
1. Non-repetitive current pulse, per Pulse Waveform graph and derated above TA = 25 °C per Pulse Derating Curve.
2. Thermal Resistance Junction to Lead.
3. 8.3 ms Single Half-Sine Wave duty cycle = 4 pulses maximum per minute (unidirectional units only).
4. Single Phase, Half Wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20 %.
5. VF<3.5V for VBR< 200V and VF <5.0V for VBR> 201V.
Molded plastic
glass passivated junction.


Similar Part No. - SMDJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMDJ ETC1-SMDJ Datasheet
546Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Littelfuse
SMDJ LITTELFUSE-SMDJ Datasheet
195Kb / 5P
Transient Voltage Suppression Diodes
logo
MERITEK ELECTRONICS COR...
SMDJ MERITEK-SMDJ Datasheet
295Kb / 4P
Transient Voltage Suppressors
logo
Gaomi Xinghe Electronic...
SMDJ GXELECTRONICS-SMDJ Datasheet
1,004Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Ruilongyuan Electronics...
SMDJ RUILON-SMDJ Datasheet
908Kb / 7P
Transient Voltage Suppressors
More results

Similar Description - SMDJ

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
Transient Voltage Suppressor Diode Series
SMCJ50CA BOURNS-SMCJ50CA_13 Datasheet
352Kb / 5P
Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
Transient Voltage Suppressor Diode Series
P6SMB6.8CA-H BOURNS-P6SMB6.8CA-H Datasheet
329Kb / 5P
Transient Voltage Suppressor Diode Series
P6SMB BOURNS-P6SMB Datasheet
329Kb / 5P
Transient Voltage Suppressor Diode Series
SMAJ BOURNS-SMAJ Datasheet
282Kb / 5P
Transient Voltage Suppressor Diode Series
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
Transient Voltage Suppressor Diode Series
SMAJ-Q BOURNS-SMAJ-Q Datasheet
350Kb / 5P
Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com