Electronic Components Datasheet Search
  English  ▼

X  

SMDJ Datasheet(PDF) 2 Page - Shanghai Yint Electronic Co., Ltd

Part # SMDJ
Description  SMDJ Transient Voltage Suppressor Diode Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

SMDJ Datasheet(HTML) 2 Page - Shanghai Yint Electronic Co., Ltd

  SMDJ Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd SMDJ Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd SMDJ Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd SMDJ Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd SMDJ Datasheet HTML 5Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Transient Voltage Suppression Diodes
Trustworthy electronic circuit protection expert
SMDJ Series
www.yint.com.cn
Rev:19.3
2
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Part
Number
(Bi)
Part
Number
(Uni)
MARKING
Reverse
Stand off
Voltage
VR
(Volts)
Breakdown
Voltage VBR
(Volts)@IT
Test
Current
IT(mA)
Maximum
Reverse
Leakage
IR
@ VR(μA)
Maximum
Peak Pulse
Current
Ipp(A)
Maximum
Clamping
Voltage
VC
@I pp(V)
BI
UNI
Min .V
Max .V
SMDJ5.0CA
SMDJ5.0A
DDE
RDE
5.0
6.40
7.00
10
800
326.1
9.2
SMDJ6.0CA
SMDJ6.0A
DDG
RDG
6.0
6.67
7.37
10
800
291.3
10.3
SMDJ 6.5CA
SMDJ 6.5A
DDK
RDK
6.5
7.22
7.98
10
500
267.9
11.2
SMDJ7.0 CA
SMDJ7.0 A
DDM
PDM
7.0
7.78
8.60
10
200
250.0
12.0
SMDJ 7.5CA
SMDJ 7.5A
DDP
PDP
7.5
8.33
9.21
1
100
232.6
12.9
SMDJ 8.0CA
SMDJ 8.0A
DDR
PDR
8.0
8.89
9.83
1
50
220.6
13.6
SMDJ8.5 CA
SMDJ8.5 A
DDT
PDT
8.5
9.44
10.40
1
20
208.3
14.4
SMDJ9.0 CA
SMDJ9.0 A
DDV
PDV
9.0
10.00
11.10
1
10
194.8
15.4
SMDJ10CA
SMDJ10A
DDX
PDX
10.0
11.10
12.30
1
5
176.5
17.0
SMDJ11CA
SMDJ11A
DDZ
PDZ
11.0
12.20
13.50
1
2
164.8
18.2
SMDJ12CA
SMDJ12A
DEE
PEE
12.0
13.30
14.70
1
2
150.8
19.9
SMDJ13CA
SMDJ13A
DEG
PEG
13.0
14.40
15.90
1
2
139.5
21.5
SMDJ14CA
SMDJ14A
DEK
PEK
14.0
15.60
17.20
1
2
129.3
23.2
SMDJ15CA
SMDJ15A
DEM
PEM
15.0
16.70
18.50
1
2
123.0
24.4
SMDJ16CA
SMDJ16A
DEP
PEP
16.0
17.80
19.70
1
2
115.4
26.0
SMDJ17CA
SMDJ17A
DER
PER
17.0
18.90
20.90
1
2
108.7
27.6
SMDJ18CA
SMDJ18A
DET
PET
18.0
20.00
22.10
1
2
102.7
29.2
SMDJ20CA
SMDJ20A
DEV
PEV
20.0
22.20
24.50
1
2
92.6
32.4
SMDJ22CA
SMDJ22A
DEX
PEX
22.0
24.40
26.90
1
2
84.5
35.5
SMDJ24CA
SMDJ24A
DEZ
PEZ
24.0
26.70
29.50
1
2
77.1
38.9
SMDJ26CA
SMDJ26A
DFE
PFE
26.0
28.90
31.90
1
2
71.3
42.1
SMDJ28CA
SMDJ28A
DFG
PFG
28.0
31.10
34.40
1
2
66.1
45.4
SMDJ30CA
SMDJ30A
DFK
PFK
30.0
33.30
36.80
1
2
62.0
48.4
SMDJ33CA
SMDJ33A
DFM
PFM
33.0
36.70
40.60
1
2
56.3
53.3
SMDJ36CA
SMDJ36A
DFP
PFP
36.0
40.00
44.20
1
2
51.6
58.1
SMDJ40CA
SMDJ40A
DFR
PFR
40.0
44.40
49.10
1
2
46.5
64.5
SMDJ43CA
SMDJ43A
DFT
PFT
43.0
47.80
52.80
1
2
43.2
69.4
SMDJ45CA
SMDJ45A
DFV
PFV
45.0
50.00
55.30
1
2
41.3
72.7
SMDJ48CA
SMDJ48A
DFX
PFX
48.0
53.30
58.90
1
2
38.8
77.4
SMDJ51CA
SMDJ51A
DFZ
PFZ
51.0
56.70
62.70
1
2
36.4
82.4
SMDJ54CA
SMDJ54A
DGE
RGE
54.0
60.00
66.30
1
2
34.4
87.1
SMDJ58CA
SMDJ58A
DGG
PGG
58.0
64.40
71.20
1
2
32.1
93.6
SMDJ60CA
SMDJ60A
DGK
PGK
60.0
66.70
73.70
1
2
31.0
96.8
SMDJ64CA
SMDJ64A
DGM
PGM
64.0
71.10
78.60
1
2
29.1
103.0
SMDJ70CA
SMDJ70A
DGP
PGP
70.0
77.80
86.00
1
2
26.5
113.0
SMDJ75CA
SMDJ75A
DGR
PGR
75.0
83.30
92.10
1
2
24.8
121.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com