Electronic Components Datasheet Search
  English  ▼

X  

VSP2272 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # VSP2272
Description  CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP2272 Datasheet(HTML) 7 Page - Texas Instruments

Back Button VSP2272 Datasheet HTML 2Page - Texas Instruments VSP2272 Datasheet HTML 3Page - Texas Instruments VSP2272 Datasheet HTML 4Page - Texas Instruments VSP2272 Datasheet HTML 5Page - Texas Instruments VSP2272 Datasheet HTML 6Page - Texas Instruments VSP2272 Datasheet HTML 7Page - Texas Instruments VSP2272 Datasheet HTML 8Page - Texas Instruments VSP2272 Datasheet HTML 9Page - Texas Instruments VSP2272 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
VSP2272
SLES020 – DECEMBER 2001
7
www.ti.com
timing specification
VSP2272 CDS
CCD
Output
Signal
SHP
(See
Note 9)
SHD
(See
Note 9)
ADCCK
B[11:0]
N+1
N
N+2
N+3
tw(P)
tw(D)
t(PD)
t(DP)
t(S)
t(S)
t(CKP)
t(CKP)
t(CKP)
t(ADC)
t(ADC)
t(INHIBIT)
th(O)
td(O)
N–10
N–11
N–9N–8N–7
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
t(CKP)
Clock period
35
ns
t(ADC)
ADCCK high/low pulse width
17
ns
tw(P)
SHP pulse width
8
ns
tw(D)
SHD pulse width
8
ns
t(PD)
SHP trailing edge to SHD leading edge (see Note 9)
8
ns
t(DP)
SHD trailing edge to SHP leading edge (see Note 9)
8
ns
t(S)
Sampling delay
3
ns
t(INHIBIT)
Inhibited clock period
20
ns
th(O)
Output hold time
2
ns
td(O)
Output delay (no load)
22
ns
DL
Data latency, normal operation mode
9 (fixed)
Clock
Cycles
NOTES:
9. The description and the timing diagrams in this data sheet are all based on the polarity of active low (default value).
10. The user can select the active polarity (active low or active high) through the serial interface, refer to the serial interface section for
details.
11. Output hold time is specified at additional output delay = 0 ns, refer to the serial interface section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com