Electronic Components Datasheet Search
  English  ▼

X  

VSP2272 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # VSP2272
Description  CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP2272 Datasheet(HTML) 9 Page - Texas Instruments

Back Button VSP2272 Datasheet HTML 2Page - Texas Instruments VSP2272 Datasheet HTML 3Page - Texas Instruments VSP2272 Datasheet HTML 4Page - Texas Instruments VSP2272 Datasheet HTML 5Page - Texas Instruments VSP2272 Datasheet HTML 6Page - Texas Instruments VSP2272 Datasheet HTML 7Page - Texas Instruments VSP2272 Datasheet HTML 8Page - Texas Instruments VSP2272 Datasheet HTML 9Page - Texas Instruments VSP2272 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
VSP2272
SLES020 – DECEMBER 2001
9
www.ti.com
PRINCIPLES OF OPERATION
introduction
The VSP2272 device is a complete mixed-signal IC that contains all the key features associated with the
processing of CCD imager output signals in a video camera, a digital still camera, security camera, or similar
applications. A simplified block diagram is shown on page 3 of this data sheet. The VSP2272 device includes
correlated double sampler (CDS), programmable gain amplifier (PGA), analog-to-digital converter (ADC), input
clamp, optical black (OB) level clamp loop, serial interface, timing control, and reference voltage generator.
An off-chip emitter follower buffer is recommended between the CCD output and the VSP2272 CCDIN input.
The PGA gain control, the clock polarity setting, and the operation mode can be selected through the serial
interface. All parameters are reset to their default values when pin 45 (RESET) goes low asynchronously from
the clocks.
correlated double sampler (CDS)
The output signal of a CCD imager is sampled twice during one pixel period; once at the reference interval and
again at the data interval. Subtracting these two samples extracts the video information of the pixel and removes
any noise that is common—or correlated—to both intervals. Thus, the CDS reduces the reset noise and the low
frequency noises that are present on the CCD output signal. Figure 1 shows the simplified block diagram of the
CDS and input clamp.
–
+
CLPDM
VSP2272
OPA
C1 = 10 pF
C2 = 10 pF
SHP
SHD
CCDIN
SHP
CM (1.5 V)
CIN
CCD Output
Figure 1. Simplified Block Diagram of CDS and Input Clamp
The CDS is driven through an off-chip coupling capacitor CIN. AC-coupling is strongly recommended because
the dc level of the CCD output signal is usually too high (several volts) for the CDS to work properly. A 0.1-
µF
capacitor is recommended for CIN, but it depends on the application environment.
Also, an off-chip emitter follower buffer is recommended to drive more than 10 pF, because the 10-pF sampling
capacitor and a few pF of stray capacitance can be seen at the input pin. The analog input signal range at pin 30
(CCDIN) is 1 Vp-p, and the appropriate common mode voltage for the CDS is around 0.5 to 1.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com