Electronic Components Datasheet Search
  English  ▼

X  

FSB619 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FSB619
Description  NPN Low-Saturation Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB619 Datasheet(HTML) 5 Page - ON Semiconductor

  FSB619 Datasheet HTML 1Page - ON Semiconductor FSB619 Datasheet HTML 2Page - ON Semiconductor FSB619 Datasheet HTML 3Page - ON Semiconductor FSB619 Datasheet HTML 4Page - ON Semiconductor FSB619 Datasheet HTML 5Page - ON Semiconductor FSB619 Datasheet HTML 6Page - ON Semiconductor FSB619 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
© 1998 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSB619 Rev. 2.2
4
Typical Performance Characteristics (Continued)
Figure 7. Base-Emitter Saturation Voltage vs.
Collector Current
Figure 8. Base-Emitter Saturation Voltage vs.
Collector Current
Figure 9. Collector Cut-Off Current vs.
Collector-Base Voltage
Figure 10. Emitter Cut-Off Current vs.
Emitter-Base Voltage
Figure 11. Typical Input Capacitance
Figure 12. Typical Output Capacitance
1E-4
1E-3
0.01
0.1
1
10
0.1
1
10
T
A
= -55
oC
T
A
= 150
oC
T
A
= 25
oC
I
C
- Collector Current (A)
I
C
= 10I
B
1E-4
1E-3
0.01
0.1
1
10
0.1
1
10
T
A
= -55
oC
T
A
= 150
oC
T
A
= 25
oC
I
C
- Collector Current (A)
I
C
= 20I
B
10
20
30
40
50
60
1E-3
0.01
0.1
1
10
100
1000
T
A
= -55
oC
T
A
= 150
oC
T
A
= 25
oC
V
CB
- Collector-Base Voltage (V)
123
456
1E-4
1E-3
0.01
0.1
1
10
100
1000
T
A
= -55
oC
T
A
= 150
oC
T
A
= 25
oC
V
EB
- Emitter-Base Voltage (V)
0.1
1
10
100
200
300
400
500
600
700
800
900
1000
V
EB
- Emitter-Base Voltage (V)
f = 1 MHz
Level = 40 mV
T
A
= 25
oC
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
V
CB
- Collector-Base Voltage (V)
f = 1 MHz
Level = 40 mV
T
A
= 25
oC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com