Electronic Components Datasheet Search
  English  ▼

X  

FSB660A Datasheet(PDF) 3 Page - ON Semiconductor

Part # FSB660A
Description  PNP Low Saturation Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB660A Datasheet(HTML) 3 Page - ON Semiconductor

  FSB660A Datasheet HTML 1Page - ON Semiconductor FSB660A Datasheet HTML 2Page - ON Semiconductor FSB660A Datasheet HTML 3Page - ON Semiconductor FSB660A Datasheet HTML 4Page - ON Semiconductor FSB660A Datasheet HTML 5Page - ON Semiconductor FSB660A Datasheet HTML 6Page - ON Semiconductor FSB660A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.
onsemi.com
© 2001
Semiconductor Components Industries, LLC
FSB660A Rev.
2
2
Thermal Characteristics(3)
Values are at TA = 25°C unless otherwise noted.
Note:
3. PCB size: FR-4 76 x 114 x 1.57 mm3 (3.0 inch x 4.5 inch x 0.062 inch) with minimum land pattern size.
Electrical Characteristics(4)
Values are at TA = 25°C unless otherwise noted.
Note:
4. Pulse test: pulse width
≤ 300 μs, duty cycle ≤ 2.0%.
Symbol
Parameter
Max.
Unit
PD
Total Device Dissipation
500
mW
RθJA
Thermal Resistance, Junction to Ambient
250
°C/W
Symbol
Parameter
Conditions
Min.
Max.
Unit
BVCEO
Collector-Emitter Breakdown Voltage IC = -10 mA
-60
V
BVCBO
Collector-Base Breakdown Voltage
IC = -100 μA-60
V
BVEBO
Emitter-Base Breakdown Voltage
IE = -100 μA-5
V
ICBO
Collector Cut-Off Current
VCB = -30 V
-100
nA
VCB = -30 V, TA = 100°C
-10
μA
IEBO
Emitter Cut-Off Current
VEB = -4 V
-100
nA
hFE
DC Current Gain
IC = -100 mA, VCE = -2 V
70
IC = -500 mA, VCE = -2 V
250
550
IC = -1 A, VCE = -2 V
80
IC = -2 A, VCE = -2 V
40
VCE(sat) Collector-Emitter Saturation Voltage
IC = -1 A, IB = -100 mA
-300
mV
IC = -2 A, IB = -200 mA
-300
VBE(sat) Base-Emitter Saturation Voltage
IC = -1 A, IB = -100 mV
-1.25
V
VBE(on) Base-Emitter On Voltage
IC = -1 A, VCE = -2 V
-1
V
Cob
Output Capacitance
VCB = -10 V, IE = 0, f = 1 MHz
30
pF
fT
Transition Frequency
IC = -100 mA, VCE = -5 V,
f = 100 MHz
75
MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com