Electronic Components Datasheet Search
  English  ▼

X  

STW25NM50N Datasheet(PDF) 2 Page - STMicroelectronics

Part # STW25NM50N
Description  N-CHANNEL 500V 0.11ohm - 22 A TO-220/FP/D/IPAK/TO-247 SECOND GENERATION MDmesh MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW25NM50N Datasheet(HTML) 2 Page - STMicroelectronics

  STW25NM50N Datasheet HTML 1Page - STMicroelectronics STW25NM50N Datasheet HTML 2Page - STMicroelectronics STW25NM50N Datasheet HTML 3Page - STMicroelectronics STW25NM50N Datasheet HTML 4Page - STMicroelectronics STW25NM50N Datasheet HTML 5Page - STMicroelectronics STW25NM50N Datasheet HTML 6Page - STMicroelectronics STW25NM50N Datasheet HTML 7Page - STMicroelectronics STW25NM50N Datasheet HTML 8Page - STMicroelectronics STW25NM50N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
STP25NM50N - STF25NM50N - STB25NM50N/-1 - STW25NM50N
2/16
Table 3: Absolute Maximum ratings
( ) Pulse width limited by safe operating area
(1) ISD ≤ 22 A, di/dt ≤ 400 A/µs, VDD =80% V(BR)DSS.
(*) Limited only by maximum temperature allowed
Table 4: Thermal Data
Table 5: Avalanche Characteristics
Symbol
Parameter
Value
Unit
TO-220/D²PAK/I²PAK/
TO-247
TO-220FP
VDS
Drain-source Voltage (VGS = 0)
500
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
500
V
VGS
Gate- source Voltage
±25
V
ID
Drain Current (continuous) at TC = 25°C
22
22(*)
A
ID
Drain Current (continuous) at TC = 100°C
14
14 (*)
A
IDM ( )
Drain Current (pulsed)
88
88 (*)
A
PTOT
Total Dissipation at TC = 25°C
160
40
W
Derating Factor
1.28
0.32
W/°C
dv/dt(1)
Peak Diode Recovery voltage slope
15
V/ns
Tstg
Storage Temperature
–55 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
TO-220/D²PAK/I²PAK/
TO-247
TO-220FP
Rthj-case
Thermal Resistance Junction-case Max
0.78
3.1
°C/W
Rthj-amb
Thermal Resistance Junction-ambient Max
62.5
°C/W
Tl
Maximum Lead Temperature For Soldering
Purpose
300
°C
Symbol
Parameter
Max Value
Unit
IAS
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max)
10
A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25 °C, ID = IAS, VDD = 50 V)
350
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com