Electronic Components Datasheet Search
  English  ▼

X  

STW25NM50N Datasheet(PDF) 3 Page - STMicroelectronics

Part # STW25NM50N
Description  N-CHANNEL 500V 0.11ohm - 22 A TO-220/FP/D/IPAK/TO-247 SECOND GENERATION MDmesh MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW25NM50N Datasheet(HTML) 3 Page - STMicroelectronics

  STW25NM50N Datasheet HTML 1Page - STMicroelectronics STW25NM50N Datasheet HTML 2Page - STMicroelectronics STW25NM50N Datasheet HTML 3Page - STMicroelectronics STW25NM50N Datasheet HTML 4Page - STMicroelectronics STW25NM50N Datasheet HTML 5Page - STMicroelectronics STW25NM50N Datasheet HTML 6Page - STMicroelectronics STW25NM50N Datasheet HTML 7Page - STMicroelectronics STW25NM50N Datasheet HTML 8Page - STMicroelectronics STW25NM50N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3/16
STB25NM50N/-1 - STW25NM50N - STP25NM50N - STF25NM50N
ELECTRICAL CHARACTERISTICS (TCASE =25°C UNLESS OTHERWISE SPECIFIED)
Table 6: On/Off
(2) Characteristic value at turn off on inductive load
Table 7: Dynamic
Table 8: Source Drain Diode
(1) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
(*) Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80% VDS
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 1mA, VGS = 0
500
V
dv/dt(2)
Drain Source Voltage
Slope
Vdd=400V, Id=25A,
Vgs=10V
44
V/ns
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
VDS = Max Rating,
TC = 125 °C
1
10
µA
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ± 20V
100
nA
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
2
3
4
V
RDS(on)
Static Drain-source On
Resistance
VGS = 10V, ID = 11 A
0.110
0.140
Ω
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (1)
Forward Transconductance
VDS=15 V, ID =11 A
19
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS = 25V, f = 1 MHz, VGS = 0
2565
511
77
pF
pF
pF
Coss eq. (*)
Equivalent Output
Capacitance
VGS = 0V, VDS = 0V to 400V
315
pF
td(on)
tr
td(off)
tf
Turn-on Delay Time
Rise Time
Off-voltageRise Time
Fall Time
VDD =250 V, ID = 11A
RG = 4.7Ω VGS = 10 V
(see Figure 19)
23
23
75
22
ns
ns
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD = 400V, ID =22 A,
VGS = 10V,
(see Figure 23)
84
11
35
nC
nC
nC
Rg
Gate Input Resistance
f=1MHz Gate DC Bias=0
Test Signal Level=20mV
Open Drain
1.6
Ω
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM ( )
Source-drain Current
Source-drain Current (pulsed)
22
88
A
A
VSD (1)
Forward On Voltage
ISD = 22 A, VGS = 0
1.3
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 22A, di/dt = 100 A/µs
VDD = 100 V, Tj = 25°C
(see Figure 21)
460
6.9
30
ns
µC
A
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 22 A, di/dt = 100 A/µs
VDD = 100 V, Tj = 150°C
(see Figure 21)
532
8.25
31
ns
µC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com