Electronic Components Datasheet Search
  English  ▼

X  

CT222ADM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CT222ADM
Description  Photovoltaic MOSFET Drivers Dual MOSFET Driver Active Discharge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CT222ADM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CT222ADM Datasheet HTML 1Page - List of Unclassifed Manufacturers CT222ADM Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Photovoltaic MOSFET Drivers
Semitronics
CT222ADM
Semitronics, 64 Commercial St. Freeport, NY 11520 Tel (516) 623-9400 / Fax (516) 623-6954
Pg. 2 of 2
Absolute Maximum Ratings (Per Channel, Tc= -55°C to +125°C unless otherwise specified)
Parameter
Condition
Rating
Units
Led Forward Current
Steady State
50
mA
Led Forward Current
Peak, 10% Duty Cycle
75
mA
Led Reverse Voltage
Reverse Current = -10 ìA
5
V
Output Voltage
Open Circuit
18
V
Output Current
Led Current = 50 mA
75
ìA
Operating Temperature
-55 to 125
°C
Storage Temperature
-55 to 150
°C
Isolation Voltage
1000
V
Electrical Characteristics (Per Channel)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
LED Current = 10 mA, Vo = 0 V
10
15
LED Current = 20 mA, Vo = 0 V
20
25
Short Circuit Current
ISC
LED Current = 30 mA, Vo = 0 V
30
40
µA
LED Current = 10 mA
13.0
14.0
LED Current = 20 mA
13.5
14.5
Open Circuit Voltage
VOC
LED Current = 30 mA
14.0
15.0
V
LED Forward Voltage
VF(LED)
LED Current = 20 mA
1.3
1.5
V
LED Reverse Current
IR(LED)
VR = -5.0 V
-5.0
-0.1
µA
Off State Voltage
V(OFF)
LED Current = 0.0 mA, Io = -10
µA
0.65
0.85
V
Isolation Voltage
V(ISO)
2500
VDC
Isolation Voltage
R(ISO)
VIN to VOUT = 100V
100k
MÙ
Vout
14
12
0°C
10
75°C
8
-55°C
50°C
-25°C
125°C
100°C
(Volts)
25°C
18
16



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com