Electronic Components Datasheet Search
  English  ▼

X  

CT222ADM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CT222ADM
Description  Photovoltaic MOSFET Drivers Dual MOSFET Driver Active Discharge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CT222ADM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CT222ADM Datasheet HTML 1Page - List of Unclassifed Manufacturers CT222ADM Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Photovoltaic MOSFET Drivers
Semitronics
CT222ADM
Semitronics, 64 Commercial St. Freeport, NY 11520 Tel (516) 623-9400 / Fax (516) 623-6954
Pg. 1 of 1
Dual MOSFET Driver
Active Discharge
Pin Connections
Description:
The CT222ADM is an isolated dual photovoltaic
MOSFET driver used when a high degree of
electrical isolation is required.
The driver can isolate the MOSFET from more
sensitive control circuitry and enable the source
and drain connections to reach any potential within
the range of the isolation voltage. High photo
efficiency produces fast turn on. A low off state
impedance insures fast turn off and immunity from
dv/dt when the MOSFET is in the off state.
The CT222ADM is packaged in an 8 pin hermetically
sealed ceramic dip and is designed for high
reliability applications.
7
6
AD
5
4
3
2
B_OUT+
B_OUT-
A_OUT-
A_OUT+
B_LED-
1
B_LED+
A_LED-
A_LED+
CT222ADM
AD
8
Features
• Active Gate Discharge Circuitry
• Optical Isolation
• High Isolation Voltage
• Dual Independent Channels
• Wide Operating Temperature Range
Applications
• Gate Drive Power MOSFETS
• Solid State Relays
• Process Controls
• Switching Power Supplies
• DC Motor Control
Mechanical Dimensions
CT222ADM


Similar Part No. - CT222ADM

ManufacturerPart #DatasheetDescription
logo
EPCOS
CT2220K11G EPCOS-CT2220K11G Datasheet
129Kb / 15P
Multilayer technology
CT2220K14G EPCOS-CT2220K14G Datasheet
129Kb / 15P
Multilayer technology
CT2220K17G EPCOS-CT2220K17G Datasheet
129Kb / 15P
Multilayer technology
CT2220K17G EPCOS-CT2220K17G Datasheet
191Kb / 14P
Ceramic transient voltage suppressors Ceramic transient voltage suppressors
CT2220K17GK2 EPCOS-CT2220K17GK2 Datasheet
1Mb / 81P
Ceramic transient voltage suppressors
More results

Similar Description - CT222ADM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1262CACTR VISHAY-LH1262CACTR Datasheet
163Kb / 6P
Dual Photovoltaic MOSFET Driver Solid State Relay
26-Oct-04
VO1263AAC VISHAY-VO1263AAC Datasheet
135Kb / 7P
Dual Photovoltaic MOSFET Driver Solid State Relay
07-May-08
LH1262CAC VISHAY-LH1262CAC_11 Datasheet
139Kb / 6P
Dual Photovoltaic MOSFET Driver Solid-State Relay
26-Sep-11
logo
Panasonic Semiconductor
APV1121SJ PANASONIC-APV1121SJ Datasheet
74Kb / 3P
PHOTOVOLTAIC MOSFET DRIVER
logo
Panasonic Battery Group
APV PANASONICBATTERY-APV Datasheet
75Kb / 3P
Photovoltaic MOSFET Driver
logo
Vishay Siliconix
VO1263AAC VISHAY-VO1263AAC_13 Datasheet
150Kb / 6P
Dual Photovoltaic MOSFET Driver Solid-State Relay
29-May-13
VO1263AAC VISHAY-VO1263AAC_V01 Datasheet
172Kb / 8P
Dual Photovoltaic MOSFET Driver Solid-State Relay
15-Mar-2019
LH1262CAC VISHAY-LH1262CAC_V01 Datasheet
157Kb / 6P
Dual Photovoltaic MOSFET Driver Solid-State Relay
31-Jan-2019
LH1262CB VISHAY-LH1262CB_V02 Datasheet
158Kb / 6P
Dual Photovoltaic MOSFET Driver Solid-State Relay
31-Jan-2019
VO1263AAC VISHAY-VO1263AAC_V02 Datasheet
172Kb / 8P
Dual Photovoltaic MOSFET Driver Solid-State Relay
15-Mar-2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com