Electronic Components Datasheet Search
  English  ▼

X  

PT4303 Datasheet(PDF) 2 Page - Princeton Technology Corp

Part # PT4303
Description  Low Power Super-heterodyne OOK/ASK Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT4303 Datasheet(HTML) 2 Page - Princeton Technology Corp

  PT4303 Datasheet HTML 1Page - Princeton Technology Corp PT4303 Datasheet HTML 2Page - Princeton Technology Corp PT4303 Datasheet HTML 3Page - Princeton Technology Corp PT4303 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PT4303
V1.2
2
December 2013
APPLICATION CIRCUIT
VSSLO
1
VSSRF
2
ANT
3
VRF
4
MIXOUT
5
VBB
6
IFIN
7
VSSBB
VDD5
8
9
CE
10
DO
11
CTH
12
VLO
13
REFOSC
14
PT4303-S
PTC
X1
C1
L1
C2
F1
C3
U1
VDD5
R1
Etched
Inductor
on PCB
C4
R2
BILL OF MATERIALS
Part
Value
Unit
Description
315 MHz
433.92 MHz
L1
82 n
47 n
H
Antenna input matching, coil inductor
C1
1.8 p
1.0 p
F
Antenna input matching
C2/C4
100 n
100 n
F
Power supply de-coupling capacitor
C3
470 n
470 n
F
CTH (affects coding type and start-up time)
R1
8.2 M
8.2 M
For reducing data output noise (optional)
R2
10
10
Power supply de-coupling resistor
F1
10.7
10.7
MHz
Band-pass filter
X1
9.509
13.226
MHz
Reference crystal oscillator
U1
PT4303 IC
PT4303 IC
U1
Receiver chip
Notes:
1. L1 and C1 are the components for input matching network. Their values may need to be adjusted depending upon different PCB layout and antenna
requirements.
2. The value of C3 depends upon the data rate and coding pattern.
3. F1 is the 10.7 MHz ceramic filter. The recommended part number is Murata SFELA10M7HA00-B0.
4.
The “optional” components are based on application requirements.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com