Electronic Components Datasheet Search
  English  ▼

X  

PT4303 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT4303
Description  Low Power Super-heterodyne OOK/ASK Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT4303 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT4303 Datasheet HTML 1Page - Princeton Technology Corp PT4303 Datasheet HTML 2Page - Princeton Technology Corp PT4303 Datasheet HTML 3Page - Princeton Technology Corp PT4303 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PT4303
Low Power Super-heterodyne
OOK/ASK Receiver
Tel: 886-2-66296288
‧Fax: 886-2-29174598‧ http://www.princeton.com.tw‧2F, No. 233-1, Baociao Rd., Sindian Dist., New Taipei City 23145, Taiwan
DESCRIPTION
The
PT4303
is
a
low
power
superheterodyne
OOK/ASK receiver for the 315/433.92 MHz frequency
bands. It offers a high level of integration and requires
only few external components. The PT4303 consists of
a low-noise amplifier (LNA), a down-conversion mixer,
an on-chip phase-locked loop (PLL) with integrated
voltage-controlled oscillator (VCO) and loop filter, an
OOK/ASK demodulator, a data filter, a data slicing
comparator and an on-chip regulator.
The PT4303
also implements a discrete one-step automatic gain
control (AGC) to extend the dynamic range of the
received RF signal.
The PT4303 is available in a 14-pin SOP package and
is specified over the extended temperature range (
–40
to +85°C).
FEATURES
 Ultra-low power consumption: 2.7 mA for full
operation (315 MHz)
 Few external components
 Excellent sensitivity on the order of –110 dBm
(peak ASK signal level at 315 MHz)
 2.4 V to 5.5 V supply voltage range
 250 MHz to 500 MHz frequency range
 Data rate up to 10 Kb/s
APPLICATIONS
 Automotive remote keyless entry (RKE)
 Remote control
 Garage door and gate openers
 Suitable for applications that meet either the
European ETSI-300-220 or the North American
FCC (Part 15) regulatory standards
BLOCK DIAGRAM
LNA
Buffer
Amplifier
OOK/ASK
Demodulator
Data Filter
(LPF)
RTH
PLL
Reference
Oscillator
On-Chip
Regulator
VDD5
Comparator
1
2
3
4
5
6
7
IFIN
MIXOUT
VBB
VRF
ANT
VSSRF
VSSLO
Mixer
14
13
12
11
10
9
8
REFOSC
CTH
DO
CE
VSSBB
VLO
AGC


Similar Part No. - PT4303

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4303 TI1-PT4303 Datasheet
213Kb / 4P
3-7 Watt 48V-Input Isolated DC/DC Converter
PT4303A TI-PT4303A Datasheet
215Kb / 3P
3-7 WATT 48V INPUT ISOLATED DC-DC CONVERTER
PT4303A TI1-PT4303A Datasheet
213Kb / 4P
3-7 Watt 48V-Input Isolated DC/DC Converter
PT4303C TI-PT4303C Datasheet
215Kb / 3P
3-7 WATT 48V INPUT ISOLATED DC-DC CONVERTER
PT4303C TI1-PT4303C Datasheet
213Kb / 4P
3-7 Watt 48V-Input Isolated DC/DC Converter
More results

Similar Description - PT4303

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF219A MICREL-MICRF219A Datasheet
722Kb / 23P
ASK/OOK Receiver
logo
List of Unclassifed Man...
RF83 ETC2-RF83 Datasheet
500Kb / 22P
300~440MHz ASK/OOK Receiver
RFM83L-433D-A ETC2-RFM83L-433D-A Datasheet
544Kb / 9P
ASK/OOK Super-heterodyne receiver module
RFM83 ETC2-RFM83 Datasheet
247Kb / 5P
RFM83 Series ASK/OOK Super-heterodyne receiver module
logo
Princeton Technology Co...
PT4301 PTC-PT4301 Datasheet
261Kb / 4P
Low Power High Sensitivity 315/434MHz OOK/ASK Superheterodyne Receiver
PT4302 PTC-PT4302 Datasheet
259Kb / 5P
Ultra-Low Power OOK/ASK Receiver
PT4304 PTC-PT4304 Datasheet
216Kb / 5P
Fully Integrated OOK/ASK Receiver
PT4306 PTC-PT4306 Datasheet
347Kb / 5P
Compact 433.92 MHz OOK/ASK Receiver
PT4307 PTC-PT4307 Datasheet
343Kb / 5P
Compact 315 MHz OOK/ASK Receiver
PT4318 PTC-PT4318 Datasheet
277Kb / 5P
Low Power 315/433MHz OOK/ASK Super-heterodyne Receiver with SAW-Based Oscillator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com