Electronic Components Datasheet Search
  English  ▼

X  

PT4306 Datasheet(PDF) 2 Page - Princeton Technology Corp

Part # PT4306
Description  Compact 433.92 MHz OOK/ASK Receiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT4306 Datasheet(HTML) 2 Page - Princeton Technology Corp

  PT4306 Datasheet HTML 1Page - Princeton Technology Corp PT4306 Datasheet HTML 2Page - Princeton Technology Corp PT4306 Datasheet HTML 3Page - Princeton Technology Corp PT4306 Datasheet HTML 4Page - Princeton Technology Corp PT4306 Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PT4306
V1.0
2
July 2016
BLOCK DIAGRAM
LNA
Buffer
Amplifier
Limiter
RSSI
Data Filter
(LPF)
PLL
Reference
Oscillator
DO
XIN
ANT
VDD5
VSS
On-Chip
Regulator
VREG
CTH
CSF
(BPF)
I
Q
IRM
1
2
7
6
3
4
5
EN
8
EVALUATION BOARD SCHEMATIC
VSS
1
2
ANT
3
4
VDD5
EN
5
DO
6
CTH
7
XIN
8
C3
C1
L1
C4
U1
VDD5
C5
R1
R2
C2
VREG
VDD5
PTC
PT4306-S
L2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com