Electronic Components Datasheet Search
  English  ▼

X  

PT4306 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT4306
Description  Compact 433.92 MHz OOK/ASK Receiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT4306 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT4306 Datasheet HTML 1Page - Princeton Technology Corp PT4306 Datasheet HTML 2Page - Princeton Technology Corp PT4306 Datasheet HTML 3Page - Princeton Technology Corp PT4306 Datasheet HTML 4Page - Princeton Technology Corp PT4306 Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PT4306
V1.0
3
July 2016
433.92MHZ APPLICATION EXAMPLE
VSS
1
2
ANT
3
4
VDD5
EN
5
DO
6
CTH
7
XIN
8
13.598 MHz
1.2 pF
39 nH
470 nF
U1
100 nF
Etched
Inductor
on PCB
VREG
VDD5
PTC
PT4306-S
VDD5
5.1 M
Ω
BILL OF MATERIALS
Part
Value
Unit
Description
L1
39 n
H
Antenna input matching, coil inductor
L2
56 n
H
Antenna ESD protection, coil inductor (optional)
C1
1.2 p
F
Antenna input matching
C2/C3
100 n
F
Power supply de-coupling capacitor
C4
470 n
F
CTH, affects coding type and start-up time
C5
220 p
F
Dependent upon crystal vendor; for frequency
fine-tuning (optional)
R1
10

Power supply de-coupling resistor (optional)
R2
5.1M

For reducing data output noise (optional)
X1
13.598
MHz
Crystal with CLoad = 220 pF, for reference
oscillator
U1
PT4306 IC
U1
Receiver chip
Note:
1.
L1 and C1 are the components for input matching network. They may need to be adjusted for different PCB layout
and antenna requirements.
2.
The value of C4 depends upon the data rate and coding pattern.
3.
The optional components may be used depending upon specific application requirements, e.g. C5 can
be removed if the crystal oscillator operates at the accurate frequency .



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com