Electronic Components Datasheet Search
  English  ▼

X  

PT4308 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT4308
Description  Compact 433.92 MHz OOK/ASK Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT4308 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT4308 Datasheet HTML 1Page - Princeton Technology Corp PT4308 Datasheet HTML 2Page - Princeton Technology Corp PT4308 Datasheet HTML 3Page - Princeton Technology Corp PT4308 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PT4308
PRE1.0
3
August 2016
ORDER INFORMATION
Valid Part Number
Package Type
Top Code
PT4308-S
8 Pins, SOP, 150 mil
PT4308-S
PIN CONFIGURATION
1
2
3
4
8
7
6
5
VSS
ANT
VREG
VDD5
XIN
CTH
DO
EN
PT4308-S
PIN DESCRIPTION
Pin No.
Pin Name
I/O
Description
1
VSS
G
Ground
2
ANT
I
RF input connected to antenna via a matching network
3
VREG
P
Regulated core voltage
4
VDD5
P
5 V regulator input
5
EN
I
Chip enable (tie HIGH to enable the chip)
6
DO
O
Data output
7
CTH
I/O
Connection for data slicing threshold capacitor
8
XIN
I
Reference oscillator input



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com