Electronic Components Datasheet Search
  English  ▼

X  

PT4308 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT4308
Description  Compact 433.92 MHz OOK/ASK Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT4308 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT4308 Datasheet HTML 1Page - Princeton Technology Corp PT4308 Datasheet HTML 2Page - Princeton Technology Corp PT4308 Datasheet HTML 3Page - Princeton Technology Corp PT4308 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PT4308
Compact 433.92 MHz OOK/ASK Receiver
Tel: 886-2-66296288
‧Fax: 886-2-29174598‧ http://www.princeton.com.tw‧2F, No. 233-1, Baociao Rd., Sindian Dist., New Taipei City 23145, Taiwan
DESCRIPTION
The PT4308 is a compact, fully integrated OOK / ASK
receiver with ±4 KV ESD(HBM)protection for 433.92 MHz
frequency band and requires few external components.
The PT4308 consists of a low-noise amplifier (LNA), an
image-rejection mixer(IRM), a built-in channel-select filter
(CSF), an OOK/ASK demodulator, a data filter, and a
data slicing comparator. The local oscillator ( LO )
sub-system incorporates a monolithic VCO, a ÷32 feedback
divider, a loop filter and a fast start-up reference oscillator to
form a complete phase-locked loop-based frequency
synthesizer for single channel applications.
The PT4308 is available in an 8-pin SOP package and is
specified over the temperature range from
–40 to +85 °C.
APPLICATIONS
 Automotive Remote Keyless Entry (RKE)
 Remote control
 Garage door and gate openers
 Suitable for applications that must adhere to either the
European ETSI-300-220 or the North American FCC
(Part 15)regulatory standards
FEATURES
 Normal operating of 4.3 mA at 433.92 MHz
 Requires few external components
 Achieves sensitivity of –114 dBm (peak ASK
signal level)
 Supply voltage range: 2.1 to 5.5 V
 Supports data rates up to 10 Kb/s
 Wide input dynamic range with automatic gain
control handling
 Image-rejection ratio of 25 dB
 ESD protection level up to ±4 KV for HBM, ±400
V for MM and ±1 KV for CDM
BLOCK DIAGRAM
LNA
Buffer
Amplifier
Limiter
RSSI
Data Filter
(LPF)
PLL
Reference
Oscillator
DO
XIN
ANT
VDD5
VSS
On-Chip
Regulator
VREG
CTH
CSF
(BPF)
I
Q
IRM
1
2
7
6
3
4
5
EN
8


Similar Part No. - PT4308

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
PT4308T YHDC-PT4308T Datasheet
4Mb / 1P
PT series flat type isolation transformer
More results

Similar Description - PT4308

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4312 SILABS-SI4312 Datasheet
204Kb / 22P
315/433.92 MHZ OOK RECEIVER
logo
Micrel Semiconductor
MICRF219A MICREL-MICRF219A Datasheet
722Kb / 23P
ASK/OOK Receiver
logo
List of Unclassifed Man...
CMT2210LW ETC2-CMT2210LW Datasheet
496Kb / 20P
Low-Cost 315/433.92 MHz OOK Stand-Alone Receiver
RF83 ETC2-RF83 Datasheet
500Kb / 22P
300~440MHz ASK/OOK Receiver
RFM83L-433D-A ETC2-RFM83L-433D-A Datasheet
544Kb / 9P
ASK/OOK Super-heterodyne receiver module
logo
Silicon Laboratories
SI4312-B10-GMR SILABS-SI4312-B10-GMR Datasheet
204Kb / 22P
315/433.92 MHZ OOK RECEIVER
logo
Princeton Technology Co...
PT4302 PTC-PT4302 Datasheet
259Kb / 5P
Ultra-Low Power OOK/ASK Receiver
PT4304 PTC-PT4304 Datasheet
216Kb / 5P
Fully Integrated OOK/ASK Receiver
PT4306 PTC-PT4306 Datasheet
347Kb / 5P
Compact 433.92 MHz OOK/ASK Receiver
PT4307 PTC-PT4307 Datasheet
343Kb / 5P
Compact 315 MHz OOK/ASK Receiver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com