Electronic Components Datasheet Search
  English  ▼

X  

SC3424 Datasheet(PDF) 8 Page - Silan Microelectronics Joint-stock

Part # SC3424
Description  8-DIGIT CALCULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC3424 Datasheet(HTML) 8 Page - Silan Microelectronics Joint-stock

Back Button SC3424 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 12Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Silan
Semiconductors
SC3423
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
8
The high-order 8-digit of a calculation result is indicated together with "E". The location of the decimal
point corresponds to the result of calculation times le-8, and no zero shift is performed.
c). Error Release
i) System error: A system error can be released by depressing ON/AC key.
ii) Rough Estimate Calculation result: A rough estimate calculation error can be released by depressing the
ON/AC or CE/C key. However the calculation result is not cleared by CE/C key but is retained.
4. OPERATION CHARACTERISTICS
a) Constant Operation
The SC3423 has implied constant mode on +, -, x,
÷, &, % operations. The constant is performed
automatically by the "=" key, "%" key, or "%" key without a constant for addition, subtraction and division
while the first operand is the constant for multiplication.
b) Number Entry
Numbericals can be entered up to 8-digit. Entries equal to 9-digit or more are ignored.
c) Memory Protection
In any error detection, the memory contents present before the error detection are protected.
d) Memory Indication
If the memory contents are a number other than zero, "M" is indicated in the sign-digit position.
e) Auto Power Off
If no key is depressed for a specific period of time, the power supply will automatically turn off. This time
interval up to power-off is 131,072 words (Approximately equal to 14 minutes and 24 seconds at Fd= 52 Hz,
the display time of a word being equal to 6ms when Fd= 52 Hz).
1/Fd
3V
1.5V
0V
(3 Word cycles)
Output waveform example
f) Double Key Depression
The order of priority, when two keys are depressed simultaneously is as follows :
OFF -> ON/AC -> CE/C -> 5 -> 6 -> 4 -> ROM -> · -> 9
>M+->=->+/- -> CE ->+->M- ->% -> RM
x <-
<- <-0<- 1<- 3 < - 2<- CM <-7 <- 8 <--
<
·
·
g) Key Bounce Protection
- Font edge: Down to l word and up to about 3 words.
- Back edge: 14 words.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com