Electronic Components Datasheet Search
  English  ▼

X  

SC3424 Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # SC3424
Description  8-DIGIT CALCULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC3424 Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

Back Button SC3424 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 10Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Silan
Semiconductors
SC3423
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
6
b) Multiplication Key (x)
i) Enters multiplicand.
ii) Performs previous operation and displays result.
c) Division Key (
÷)
i) Enters dividend.
ii) Performs previous operation and displays result.
d) Addition Key (+)
i) Conditions machine for an addition.
ii) Performs previous operation and displays result.
e) Subtraction Key (-)
i) Conditions machine for a subtraction.
ii) Performs previous operation and displays result.
f) Percent Key (%)
The purpose of the percent key is to allow for calculation of add-on and discount. Deter mination of add-on
requires the principal amount to be the first entry followed by the "+" or "x" key, with the percentage being the
second entry. Depression of the percent key yields the amount to add on, such as tax or interest. Depression
of the "=" key adds this amount to the principal.
g) Change Sign Key (+/-)
Pushing the "+/-" key twice in succession causes the corresponding sign to appear and disappear. During
digit entry; this function changes the sign of the entered factor.
h) Power On/All Clear Key (ON/AC)
i) First push power-on displays "0".
ii) In the middle of a digit entry, a second push will clear all registers and memory.
i) Clear Entry/Clear Key (CE/C)
i) During the digit entry, the first depression will clear the entry register. And display the previous enter
number again.
ii) The second push will clear all registers except memory.
j) Clear Entry Key (CE)
During the digit entry will clear the entry register and display number "0".
k) Square Root Key (
)
Extracts the square root of a positive number displayed in the entry register.
I) Memory Plus Key (M+)
i) Adds the current display to the contents of memory.
ii) It will terminate a number entry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com