Electronic Components Datasheet Search
  English  ▼

X  

PPTC0805 Datasheet(PDF) 1 Page - Shanghai Yint Electronic Co., Ltd

Part # PPTC0805
Description  Resettable PTCS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

PPTC0805 Datasheet(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd

  PPTC0805 Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd PPTC0805 Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd PPTC0805 Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Overcurrent protection device
Trustworthy electronic circuit protection expert
0805 Series
www.yint.com.cn
Rev:19.3
1
Resettable PTCS - 0805 Series
Features
●
Surface mount overcurrent protection.
●
Resettable protection is desired
●
Protecting against over-current and over-temperature faults
●
RoHS compliant , lead-free and halogen free .
PACKAGEDIMENSIONS
Part number
A
B
C
D
E
W
H
L
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Min
±
0.1
±
0.1
±
0.1
SMD0805-010
2.00
2.20
1.20
1.50
0.50
1.00
0.20
0.10
1.0
1.5
1.2
SMD0805-020
2.00
2.20
1.20
1.50
0.45
1.00
0.20
0.10
1.0
1.5
1.2
0805-020-15V
2.00
2.20
1.20
1.50
0.45
1.00
0.20
0.10
1.0
1.5
1.2
SMD0805-035
2.00
2.20
1.20
1.50
0.45
1.00
0.20
0.10
1.0
1.5
1.2
SMD0805-050
2.00
2.20
1.20
1.50
0.30
0.60
0.20
0.10
1.0
1.5
1.2
SMD0805-075
2.00
2.20
1.20
1.50
0.65
1.25
0.20
0.10
1.0
1.5
1.2
SMD0805-100
2.00
2.20
1.20
1.50
0.80
1.80
0.20
0.10
1.0
1.5
1.2
0805-100-12V
2.00
2.20
1.20
1.50
0.80
1.80
0.20
0.10
1.0
1.5
1.2
SMD0805-110
2.00
2.20
1.20
1.50
0.80
1.80
0.20
0.10
1.0
1.5
1.2
SMD0805-125
2.00
2.20
1.20
1.50
0.80
1.80
0.20
0.10
1.0
1.5
1.2


Similar Part No. - PPTC0805

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PPTC041LGBN-R ETC2-PPTC041LGBN-R Datasheet
837Kb / 8P
ENERGY HARVESTING ELECTRONICS
logo
Vicor Corporation
PPTC052LJBN-RC VICOR-PPTC052LJBN-RC Datasheet
1Mb / 6P
VI BRICK짰 AC Front End Evaluation Board
logo
Shanghai Yint Electroni...
PPTC0603 YINT-PPTC0603 Datasheet
537Kb / 3P
Overcurrent protection device
logo
Sullins Connector Solut...
PPTC062LJBN-RC SULLINS-PPTC062LJBN-RC Datasheet
498Kb / 2P
.100” [2.54 mm] Contact Centers, Female Headers,Straight/Right Angle/SMT
More results

Similar Description - PPTC0805

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2016L030 LITTELFUSE-2016L030 Datasheet
341Kb / 4P
POLYFUSE짰 Resettable PTCs
1210L005 LITTELFUSE-1210L005 Datasheet
342Kb / 4P
POLYFUSE짰 Resettable PTCs
600R150 LITTELFUSE-600R150 Datasheet
354Kb / 5P
POLYFUSE짰 Resettable PTCs
0603L LITTELFUSE-0603L_10 Datasheet
316Kb / 5P
POLYFUSE짰 Resettable PTCs
1812L260THDR LITTELFUSE-1812L260THDR Datasheet
409Kb / 6P
POLYFUSE Resettable PTCs
logo
Shanghai Yint Electroni...
SMD0805-005 YINT-SMD0805-005 Datasheet
216Kb / 1P
Resettable PTCS
SMD0805-100-8.5V YINT-SMD0805-100-8.5V Datasheet
362Kb / 2P
Resettable PTCS
SMD1206-100-16V YINT-SMD1206-100-16V Datasheet
221Kb / 1P
Resettable PTCS
SMD1812-075-16V YINT-SMD1812-075-16V Datasheet
234Kb / 1P
Resettable PTCS
SMD2920-200-24V YINT-SMD2920-200-24V Datasheet
347Kb / 2P
Resettable PTCS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com