Electronic Components Datasheet Search
  English  ▼

X  

PPTC0805 Datasheet(PDF) 3 Page - Shanghai Yint Electronic Co., Ltd

Part # PPTC0805
Description  Resettable PTCS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

PPTC0805 Datasheet(HTML) 3 Page - Shanghai Yint Electronic Co., Ltd

  PPTC0805 Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd PPTC0805 Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd PPTC0805 Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Overcurrent protection device
Trustworthy electronic circuit protection expert
0805 Series
www.yint.com.cn
Rev:19.3
3
Test Procedures and Requirements
Test
Test Conditions
Accept/Reject Criteria
Resistance
In still air @ 25℃
Rmin≤R≤R1max
Time to Trip
Vmax, 25℃
, In still air @ 25℃
T≤max. time to trip(seconds)
Hold Current
30 min. at IH
, In still air @ 25℃
No trip
Trip Cycle Life
Vmax, Imax, 100 cycles
, In still air @ 25℃
No arcing or burning
Trip Endurance
Vmax, 1 hours
, In still air @ 25℃
No arcing or burning
Environmental Specifications
Operating/Storage Temperature
-40℃ to +85℃
Maximum Device Surface Temperature in Tripped
State
125℃
Passive Aging
Passive Aging +85℃,1000 hours ±5% typical resistance change
Humidity Aging
+85℃, 85%R.H. 1000 hours ±5% typical resistance change
Thermal Shock
MIL-STD-202 Method 107G
+85℃/-40℃ 20 times
-30% typical resistance change
Solvent Resistance
MIL-STD-202, Method 215
No change
Vibration
MIL-STD-883C, Method 2007.1, Condition A
No change
Typical time-to-trip charts @25℃
Temperature rating Curve
Warning :
PPTC devices are intended for protection against occasional over-current or over-temperature fault
conditions ,and should not be used when repeated fault conditions are anticipated . Operation beyond
maximum ratings or improper use may result in device damage and possible electrical arcing and flame .



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com