Electronic Components Datasheet Search
  English  ▼

X  

CY7C9689 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CY7C9689
Description  TAXI Compatible HOTLink Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C9689 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CY7C9689 Datasheet HTML 17Page - Cypress Semiconductor CY7C9689 Datasheet HTML 18Page - Cypress Semiconductor CY7C9689 Datasheet HTML 19Page - Cypress Semiconductor CY7C9689 Datasheet HTML 20Page - Cypress Semiconductor CY7C9689 Datasheet HTML 21Page - Cypress Semiconductor CY7C9689 Datasheet HTML 22Page - Cypress Semiconductor CY7C9689 Datasheet HTML 23Page - Cypress Semiconductor CY7C9689 Datasheet HTML 24Page - Cypress Semiconductor CY7C9689 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
CY7C9689
21
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................–65×C to +150×C
Ambient Temperature with (Power Applied)–55×C to +125×C
Supply Voltage to Ground Potential ............... –0.5V to +6.5V
DC Voltage Applied to Outputs ................–0.5V to VDD+0.5V
Output Current into TTL Outputs (LOW) ...................... 30 mA
DC Input Voltage ......................................–0.5V to VDD+0.5V
Static Discharge Voltage .......................................... > 2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current .................................................... > 200 mA
Table 6. Receiver Output Bus Signal Map
RXDATA Bus Output Bit
Receiver Decoder Mode[1]
Encoded 8-bit
Character Stream[8]
Pre-encoded 10-bit
Character Stream
Encoded 10-bit
Character Stream[9]
Pre-encoded 12-bit
Character Stream
RXSC/D
RXSC/D
RXSC/D
RXDATA[0]
RXDATA[0]
RXD[0][10, 11]
RXDATA[0]
RXD[0][10, 12]
RXDATA[1]
RXDATA[1]
RXD[1]
RXDATA[1]
RXD[1]
RXDATA[2]
RXDATA[2]
RXD[2]
RXDATA[2]
RXD[2]
RXDATA[3]
RXDATA[3]
RXD[3]
RXDATA[3]
RXD[3]
RXDATA[4]
RXDATA[4]
RXD[4]
RXDATA[4]
RXD[4]
RXDATA[5]
RXDATA[5]
RXD[5]
RXDATA[5]
RXD[5]
RXDATA[6]
RXDATA[6]
RXD[6]
RXDATA[6]
RXD[6]
RXDATA[7]
RXDATA[7]
RXD[7]
RXDATA[7]
RXD[7]
RXDATA[8]/RXCMD[3]
RXCMD[3]
RXD[8]
RXDATA[8]
RXD[8]
RXDATA[9]/RXCMD[2]
RXCMD[2]
RXD[9]
RXDATA[9][9]
RXD[9]
RXCMD[1]
RXCMD[1]
RXCMD[1]
RXD[10][12]
RXCMD[0]
RXCMD[0]
RXCMD[0]
RXD[11]
VLTN
VLTN
VLTN
Operating Range
Range
Ambient
Temperature
VDD
Commercial
0
°C to +70°C
5.0V
± 10%
Industrial
–40
°C to +85°C
5.0V
± 10%
Notes:
8.
When BYTE8/10 is HIGH, received bit order is decoded form the serial stream and presented (MSB to LSB) at RXDATA[7,6,5,4] and RXDATA[3,2,1,0] or
RXCMD[3,2,1,0] as indicated by RXSC/D.
9.
When BYTE8/10 is LOW, received bit order is decoded form the serial stream and presented (MSB to LSB) at RXDATA[8,7,6,5,4] and RXDATA[9,3,2,1,0] or
RXCMD[1,0] as indicated by RXSC/D
10. First bit shifted into the receiver.
11. When ENCBYP is LOW and BYTE8/10 is HIGH, the received bit order is (LSB to MSB) RXD[0,1,2,3,4,5,6,7,8,9].
12. When ENCBYP is LOW and BYTE8/10 is LOW, the received bit order is (LSB to MSB) RXD[0,1,2,3,4,5,6,7,8,9,11,10].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com