Electronic Components Datasheet Search
  English  ▼

X  

AY102 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AY102
Description  Physics of the Interstellar Medium
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AY102 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AY102 Datasheet HTML 1Page - List of Unclassifed Manufacturers AY102 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ay 102 
Physics of the Interstellar Medium 
 
Instructor: 
TA: 
 
Christopher Hirata   
 
 
 
Ke Zhang 
 
Cahill #272   
 
 
 
 
South Mudd #158 
 
chirata@tapir.caltech.edu   
 
 
kzhang@caltech.edu 
 
Prerequisites: 
Astronomy: Ay 20 or equivalent. 
Physics: Ph 1 and (2 or 12) or equivalent. 
Math: Ma 1 and 2 or equivalent.  (Note: ACM 95 is not a prerequisite.) 
If you have not taken these courses, please see the instructor. 
 
Lectures: 
 
Monday, Wednesday, Friday, 11:00-­‐12:00.  Location is Cahill #219 (Mon+Wed) or 
Cahill #211 (Fri). 
 
Course Website: 
 
http://www.tapir.caltech.edu/~chirata/ay102/ 
 
Textbook: 
 
Osterbrock & Ferland, Astrophysics of Gaseous Nebulae and Active Galactic Nuclei.  (I 
will use the 2nd edition, but if you have a copy of the 1st edition then that should be 
sufficient.) 
The following other books may be useful in some portions of the course but are not 
required: 
Dopita & Sutherland, Astrophysics of the Diffuse Universe. 
Spitzer, Physical Processes in the Interstellar Medium. 
Tielens, Physics and Chemistry of the Interstellar Medium. 
 
Topics: 
The preliminary schedule of topics for each lecture is below.  The first few topics 
(and occasional other topics) will be material from the textbook.  For the rest, I will hand 
out lecture notes and/or review articles. 
 
W  01/05. Introduction; sky maps and the ISM’s appearance across the EM spectrum 
F  01/07. Atomic structure I: hydrogen and helium 
M  01/10. Atomic structure II: metals 
W  01/12. H II regions: Ionization structure 
F  01/14. H II regions: Thermal structure 
W  01/19. H II regions: Thermal structure (continued) 
F  01/21. H II regions: Optical and radio spectra and diagnostics 
M  01/24. Dust: fundamental processes (absorption, emission, scattering) 
W  01/26. Dust: grain composition and material properties 


Similar Part No. - AY102

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AY1 MSYSTEM-AY1 Datasheet
306Kb / 12P
Automotive Grade AC Line Rated Ceramic Disc Capacitors
logo
Vishay Siliconix
AY1 VISHAY-AY1 Datasheet
306Kb / 12P
Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
22-Mar-2021
AY1 VISHAY-AY1 Datasheet
306Kb / 12P
Automotive Grade EMI Suppression Safety Capacitor, Ceramic Disc, Class X1, 760 VAC, Class Y1, 500 VAC
28-Jan-2022
AY1-KIT-GA VISHAY-AY1-KIT-GA Datasheet
306Kb / 12P
Automotive Grade EMI Suppression Safety Capacitor, Ceramic Disc, Class X1, 760 VAC, Class Y1, 500 VAC
28-Jan-2022
logo
STANLEY ELECTRIC CO.,LT...
AY1101F STANLEY-AY1101F Datasheet
367Kb / 21P
Single Color Right Angle Type (3.0 X 2.0 mm)
More results

Similar Description - AY102

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR5PM-12L RENESAS-BCR5PM-12L Datasheet
138Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR10CS-12LA RENESAS-BCR10CS-12LA Datasheet
113Kb / 7P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR10CS-12LB RENESAS-BCR10CS-12LB Datasheet
125Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR10PM-12LD RENESAS-BCR10PM-12LD Datasheet
127Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR12CM-12LB RENESAS-BCR12CM-12LB Datasheet
125Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR16CM-12LB RENESAS-BCR16CM-12LB Datasheet
126Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR8CS-12LB RENESAS-BCR8CS-12LB Datasheet
126Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR5AS-12B RENESAS-BCR5AS-12B Datasheet
132Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR20AM-12LB RENESAS-BCR20AM-12LB Datasheet
118Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
logo
Sensortechnics GmbH
50162801 SENSORTECHNICS-50162801 Datasheet
466Kb / 8P
High energy physics
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com