Electronic Components Datasheet Search
  English  ▼

X  

AY102 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AY102
Description  Physics of the Interstellar Medium
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AY102 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AY102 Datasheet HTML 1Page - List of Unclassifed Manufacturers AY102 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
F  01/28. Dust: size distribution, PAH features, microwave emission 
M  01/31. Molecular structure and spectroscopy 
W  02/02. Molecular structure and spectroscopy (continued) 
F  02/04. Photodissociation regions; formation and destruction of H2 
M  02/07. Diffuse atomic gas: phases, 21 cm radiation, absorption lines 
W  02/09. Molecular gas 
F  02/11. Hot gas: collisional ionization and X-­‐ray emission 
M  02/14. Magnetic fields and observational probes thereof 
W  02/16. Hydrodynamics and MHD 
F  02/18. Vertical structure of galactic disks; wave modes 
W  02/23. Interstellar shocks 
F  02/25. Supernova remnants 
M  02/28. Cosmic rays: basic properties, interaction with matter 
W  03/02. Cosmic rays: electromagnetic signatures 
F  03/04. Cosmic rays: acceleration and transport 
M  03/07. Interplanetary medium, solar wind 
 
Homework and Exams: 
There will be 7 homework sets, 1 midterm, and 1 final exam. 
Homeworks will be due weekly.  No homework will be assigned for the midterm or 
final week.  All homework will be handed out in class and posted on the course 
website at least one week before the due date.  Homework may be turned in either 
in class, or to the TA’s mailbox (on the 3rd floor of Cahill in South Mudd). 
Collaboration policy: You may discuss methods of solution, compare results with 
each other, draw diagrams together at the whiteboard, etc.  However, you may not 
copy another student’s solution, or read the paper that another student is actually 
planning to hand in. 
Late homework will be marked down 12.5% per day (or part of a day).  Homework 
more than 7 days late will not receive credit.  Extensions must be arranged with the 
TA in advance; retroactive extensions will only be granted in case of an emergency. 
The midterm and final will be take-­‐home, with rules printed on the cover of the 
exam booklet. 
Homework and exams will be returned one week after the due date. 
 
Grades: 
Your course grade will be made up of 50% homework, 20% midterm, and 30% final.   
Letter grades will be assigned according to the following table. 
 
Grade 
Range 
 
Grade 
Range 
 
Grade 
Range 
A+
XX≥95
BB
75-80
C-
58-62
AA
90-95
B-
70-75
D+
54-58
A-
85-90
C+
66-70
DD
50-54
B+
80-85
CC
62-66
FF
XX<50
 
Students on pass/fail will receive a “P” for any passing grade (D or higher). 
If you believe your grade is in error, please discuss it with the TA.  The instructor 
should be consulted if this does not resolve the issue. 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com