Electronic Components Datasheet Search
  English  ▼

X  

TC3538 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TC3538
Description  5-6 GHz 1W MMIC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC3538 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TC3538 Datasheet HTML 1Page - List of Unclassifed Manufacturers TC3538 Datasheet HTML 2Page - List of Unclassifed Manufacturers TC3538 Datasheet HTML 3Page - List of Unclassifed Manufacturers TC3538 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TRANSCOM
TC3538
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Shanhua Jen, Tainan County Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
2
Vd
RF IN
Vg
RF OUT
C3
-
+
R1
C2
C1
C4
Vg
C5
5 0
ohm
Line
50
o h m
Line
Vd
NC
NC
NC
NC
NC
NC
NC
NC
TC353 8
TEST CIRCUITS
Evaluation Board Schematic
EVALUATION BOARD
DXF file of the PCB can be
downloaded from our web-site at
www.transcominc.com.tw
PCB Material: RO4003
ER = 3.38
Thickness = 20 mil
Unit: mil
1156
996



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com