Electronic Components Datasheet Search
  English  ▼

X  

TC3538 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TC3538
Description  5-6 GHz 1W MMIC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC3538 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TC3538 Datasheet HTML 1Page - List of Unclassifed Manufacturers TC3538 Datasheet HTML 2Page - List of Unclassifed Manufacturers TC3538 Datasheet HTML 3Page - List of Unclassifed Manufacturers TC3538 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TRANSCOM
TC3538
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science- Based Industrial Park, Shanhua Jen, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
1
Preliminary
May 2002
5 ~ 6 GHz 1W MMIC
FEATURES
• P-1 dB: 30 dBm
• Small Signal Gain: 21 dB
• Power Added Efficiency: 25 %
• IP3: 39 dBm
• Matched to 50 Ω operation
• Bias condition: 600 mA @ 7 V
DESCRIPTION
The TC3538 is a 2 stage PHEMT MMIC power amplifier. It is designed for use in low cost, high volume, 5 - 6
GHz band applications. The MMIC is matched to 50
Ω operation. It provides a typical gain of 21 dB and P1dB
power of more than 30 dBm. Typical bias condition is 7V at 600 mA. The MMIC is packaged in a low-cost
surface-mountable plastic package.
APPLICATIONS
• Wireless Internet Access
• Wireless Local Loop
• Two way radio
ELECTRICAL SPECIFICATIONS (Ta = 25
°°°°C)
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
FREQ
Frequency Range
5
6
GHz
SSG
Small Signal Gain
19
21
dB
GOF
Small Signal Gain Flatness @5.7 ~ 5.9 GHz
± 0.5
± 0.75
GOF
Small Signal Gain Flatness @5 ~ 6 GHz
± 1
± 2
P-1 dB
Output Power at 1 dB Gain Compression
29
30
dBm
P-3 dB
Output Power at 3 dB Gain Compression
30
31
dBm
IP3
Third Order Intercept Point
37
39
dBm
VSWR, IN
Input VSWR
2:1
VDD
Supply Voltage
7
Volt
Vg
Gate Voltage
-0.6
-1.0
-1.5
Volt
IDD
Current Supply Without RF
600
mA
IDP-1
Current Supply @ Pout=P-1 dB
600
650
mA
ηa
Power Added Efficiency
25
%


Similar Part No. - TC3538

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC3538 TRANSCOM-TC3538 Datasheet
184Kb / 4P
5 - 6 GHz 1W MMIC
More results

Similar Description - TC3538

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC3339 ETC1-TC3339 Datasheet
255Kb / 4P
2.9 - 3.7 GHz 1W MMIC
logo
Transcom, Inc.
TC4535 TRANSCOM-TC4535 Datasheet
97Kb / 3P
13.75 - 14.5 GHz 1W MMIC
TC3131 TRANSCOM-TC3131 Datasheet
103Kb / 4P
2.4 GHz 1W MMIC
TC3133 TRANSCOM-TC3133 Datasheet
87Kb / 3P
2.4 GHz 1W MMIC
TC3139 TRANSCOM-TC3139 Datasheet
191Kb / 4P
2.3 - 2.5 GHz 1W MMIC
TC3531 TRANSCOM-TC3531 Datasheet
83Kb / 3P
5.8 GHz 1W MMIC
TC3538 TRANSCOM-TC3538 Datasheet
184Kb / 4P
5 - 6 GHz 1W MMIC
TC3331 TRANSCOM-TC3331 Datasheet
167Kb / 3P
3.3 - 3.7 GHz 1W MMIC
TC3339 TRANSCOM-TC3339 Datasheet
257Kb / 4P
2.9 - 3.7 GHz 1W MMIC
TC1953P TRANSCOM-TC1953P Datasheet
177Kb / 3P
13.75 - 14.75 GHz 1W MMIC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com