Electronic Components Datasheet Search
  English  ▼

X  

MD1810 Datasheet(PDF) 7 Page - Supertex, Inc

Part # MD1810
Description  HIGH SPEED QUAD MOSFET DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD1810 Datasheet(HTML) 7 Page - Supertex, Inc

  MD1810 Datasheet HTML 1Page - Supertex, Inc MD1810 Datasheet HTML 2Page - Supertex, Inc MD1810 Datasheet HTML 3Page - Supertex, Inc MD1810 Datasheet HTML 4Page - Supertex, Inc MD1810 Datasheet HTML 5Page - Supertex, Inc MD1810 Datasheet HTML 6Page - Supertex, Inc MD1810 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
Doc.# DSFP - MD1810
NR090105
MD1810
Pin Configuration
Pin #
Function
1INB
2V
L
3GND
4V
L
5INC
6IND
7V
SS
8OUTD
9OUTC
10
V
H
11
V
H
12
OUTB
13
OUTA
14
V
DD
15
INA
16
OE
Note
Thermal Pad, and Pin #7 (V
SS), must be
connected externally
QFN-16
4x4x0.9
1
9
16
(Top View, mm)
13
0.325
0.65
2.64
2.64
0.28
4
12
58



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com