Electronic Components Datasheet Search
  English  ▼

X  

MD1810 Datasheet(PDF) 1 Page - Supertex, Inc

Part # MD1810
Description  HIGH SPEED QUAD MOSFET DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD1810 Datasheet(HTML) 1 Page - Supertex, Inc

  MD1810 Datasheet HTML 1Page - Supertex, Inc MD1810 Datasheet HTML 2Page - Supertex, Inc MD1810 Datasheet HTML 3Page - Supertex, Inc MD1810 Datasheet HTML 4Page - Supertex, Inc MD1810 Datasheet HTML 5Page - Supertex, Inc MD1810 Datasheet HTML 6Page - Supertex, Inc MD1810 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MD1810
High Speed Quad MOSFET Driver
1
NR090105
Initial Release
Features
6ns rise and fall time with 1000pF load
2A peak output source/sink current
1.2V to 5V input CMOS compatible
5V to 12V total supply voltage
Smart Logic threshold
Low jitter design
Four matched channels
Outputs can swing below ground
Output is high impedence when disabled
Low inductance package
High-performance thermally-enhanced
Applications
Medical ultrasound imaging
Piezoelectric transducer drivers
Nondestructive evaluation
PIN diode driver
CCD Clock driver/buffer
High speed level translator
General Description
The Supertex MD1810 is a high-speed quad MOSFET driver. It
is designed to drive high voltage P-and N-channel MOSFETs for
medical ultrasound imaging applications. The MD1810 can also be
used for ultrasound metal flaw detection, nondestructive evaluation
test, piezoelectric transducer drive, clock drive, and PIN diode
drive.
The MD1810 has four inputs which individually control four outputs.
It also has an output enable (OE) pin. When OE is low, all of the
outputs will be in a high impedance state regardless of their logic
input control. When OE is high, the MD1810 sets the threshold logic
transition to (V
OE+VGND)/2.
This ensures the transition to always be
at half the amplitude of the logic input signal. This allows the device
to have inherent propagation delay matching regardless of the logic
input amplitude.
The output stage of the MD1810 has separate power connections
enabling the output signal L and H levels to be chosen independently
from the V
DD and VSS supply voltages. As an example, the input logic
levels may be 0 and 1.8 volts, the control logic may be powered
by +5 and –5 volts, and the output L and H levels may be varied
anywhere over the range of
–5 to +5 volts. The output stage is
capable of peak currents of up to ±2 amps, depending on the supply
voltages used and load capacitance present.
Typical Application Circuit
Supertex MD1810
10nF
Supertex
TC6320TG
10nF
1.0μF
+100V
1.0μF
-100V
10nF
Supertex
TC6320TG
10nF
1.0μF
+10V
1.0μF
-10V
V
SS
V
DD
V
H
V
L
OE
INA
GND
INB
INC
IND
OUTA
+12V
3.3V CMOS
Logic Inputs
OUTB
OUTC
OUTD
+12V
0.47μF
0.47μF


Similar Part No. - MD1810

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1810 SUTEX-MD1810 Datasheet
744Kb / 8P
High Speed Quad MOSFET Driver
logo
MIX-DESIGN Semiconducto...
MD1810 MIX-DESIGN-MD1810 Datasheet
1Mb / 9P
High performance primary side regulator (PSR) offline switch power supply (SMPS) controller
1-jul-2013 Rev.02
logo
Supertex, Inc
MD1810K6-G SUTEX-MD1810K6-G Datasheet
744Kb / 8P
High Speed Quad MOSFET Driver
logo
MIX-DESIGN Semiconducto...
MD1810SXG-TR MIX-DESIGN-MD1810SXG-TR Datasheet
1Mb / 9P
High performance primary side regulator (PSR) offline switch power supply (SMPS) controller
1-jul-2013 Rev.02
logo
Supertex, Inc
MD1810 SUTEX-MD1810_07 Datasheet
744Kb / 8P
High Speed Quad MOSFET Driver
More results

Similar Description - MD1810

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26LS31C NSC-DS26LS31C Datasheet
226Kb / 8P
Quad High Speed Differential Line Driver
logo
Supertex, Inc
MD1811 SUTEX-MD1811 Datasheet
459Kb / 6P
HIGH SPEED QUAD MOSFET DRIVER
logo
National Semiconductor ...
MNDS26LS31M-X NSC-MNDS26LS31M-X Datasheet
163Kb / 9P
QUAD HIGH SPEED DIFFERENTIAL LINE DRIVER
logo
Supertex, Inc
MD1812 SUTEX-MD1812 Datasheet
224Kb / 6P
High Speed Quad MOSFET Driver
MD1813 SUTEX-MD1813 Datasheet
222Kb / 6P
High Speed Quad MOSFET Driver
logo
Advanced Power Technolo...
DRF100 ADPOW-DRF100 Datasheet
2Mb / 12P
High Speed MOSFET Driver
logo
Supertex, Inc
MD1810 SUTEX-MD1810_07 Datasheet
744Kb / 8P
High Speed Quad MOSFET Driver
MD1811 SUTEX-MD1811_07 Datasheet
637Kb / 7P
High Speed Quad MOSFET Driver
logo
Texas Instruments
DS26LS31MQML TI1-DS26LS31MQML Datasheet
647Kb / 14P
DS26LS31MQML Quad High Speed Differential Line Driver
logo
Renesas Technology Corp
ISL78365 RENESAS-ISL78365 Datasheet
306Kb / 5P
Automotive High-Speed Quad Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com