Electronic Components Datasheet Search
  English  ▼

X  

MAX16813 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX16813
Description  Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller and Battery Disconnect
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16813 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX16813 Datasheet HTML 1Page - Maxim Integrated Products MAX16813 Datasheet HTML 2Page - Maxim Integrated Products MAX16813 Datasheet HTML 3Page - Maxim Integrated Products MAX16813 Datasheet HTML 4Page - Maxim Integrated Products MAX16813 Datasheet HTML 5Page - Maxim Integrated Products MAX16813 Datasheet HTML 6Page - Maxim Integrated Products MAX16813 Datasheet HTML 7Page - Maxim Integrated Products MAX16813 Datasheet HTML 8Page - Maxim Integrated Products MAX16813 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
General Description
The MAX16813 high-efficiency, high-brightness LED (HB
LED) driver provides four integrated LED current-sink
channels. An integrated current-mode switching control-
ler drives a DC-DC converter that provides the neces-
sary voltage to multiple strings of HB LEDs. The device
accepts a wide 4.75V to 40V input voltage range and
withstands direct automotive load-dump events. The
wide input range allows powering HB LEDs for small- to
medium-sized LCD displays in automotive and general
lighting applications.
An internal current-mode switching DC-DC controller
supports boost or SEPIC topologies and operates in an
adjustable frequency range between 200kHz and 2MHz.
An integrated spread-spectrum mode helps reduce EMI.
Current-mode control with programmable slope compen-
sation provides fast response and simplifies loop compen-
sation. An adaptive output-voltage control scheme mini-
mizes power dissipation in the LED current-sink paths.
The device has a separate p-channel drive (PGATE) pin
that is used for output undervoltage protection. Whenever
the output falls below the threshold, the external
p-MOSFET is latched off, disconnecting the input source.
Cycling the EN or the input supply is required to restart
the converter. The external p-MOSFET is off when the EN
pin is below 0.3V (typ). The shutdown current is 1µA (typ)
at an input voltage of 12V.
The device consists of four identical linear current-sink
channels, adjustable from 20mA to 150mA with an
accuracy of ±3% using a single external resistor. Multiple
channels can be connected in parallel to achieve higher
current per LED string. The device also features a unique
pulsed dimming control through a logic input (DIM),
with minimum pulse width as low as 500ns. Protection
features include output overvoltage, open-LED detection
and protection, programmable shorted LED detection and
protection, output undervoltage protection and detection,
and overtemperature protection. The device operates
over the -40°C to +125°C automotive temperature range.
The MAX16813 is available in 20-pin (6.5mm x 4.4mm)
TSSOP and 20-pin (4mm x 4mm) TQFN packages.
Benefits and Features
● 4-Channel Linear LED Current Sinks with Internal
MOSFETs Independently Drive Multiple LED Strings
• Full-Scale LED Current Adjustable from 20mA
to 150mA
• Drives 1 to 4 LED Strings
• 10000:1 PWM Dimming at 200Hz
● Flexible Current-Mode Architecture Supports a Wide
Range of Applications While Minimizing Interference
• Boost or SEPIC Current-Mode DC-DC Controller
• 200kHz to 2MHz Programmable Switching
Frequency
• External Switching-Frequency Synchronization
• Spread-Spectrum Mode
● Protection Features Enhance Fault Detection and
System Reliability
• Output-to-Ground Undervoltage Protection
• Open-Drain Fault-Indicator Output
• Open-LED and LED-Short Detection and
Protection
• Overtemperature Protection
● Adaptive Output-Voltage Optimization to Minimize
Power Dissipation
• Less than 2µA Shutdown Current
Applications
● Automotive Displays LED Backlights
● Automotive RCL, DRL, Front Position, and Fog Lights
● LCD TV and Desktop Display LED Backlights
● Architectural, Industrial, and Ambient Lighting
19-6713; Rev 4; 3/16
+Denotes a lead(Pb)-free/RoHS-compliant package.
*EP = Exposed pad.
/V denotes an automotive qualified part.
PART
TEMP RANGE
PIN-PACKAGE
MAX16813ATP+
-40°C to +125°C
20 TQFN-EP*
MAX16813ATP/V+
-40°C to +125°C
20 TQFN-EP*
MAX16813AUP+
-40°C to +125°C
20 TSSOP-EP*
MAX16813AUP/V+
-40°C to +125°C
20 TSSOP-EP*
Ordering Information
MAX16813
Integrated, 4-Channel, High-Brightness
LED Driver with High-Voltage DC-DC Controller
and Battery Disconnect
EVALUATION KIT AVAILABLE


Similar Part No. - MAX16813

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16813B MAXIM-MAX16813B Datasheet
1Mb / 27P
Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller and Battery Disconnect
Rev 1; 1/18
MAX16813BATP/V+ MAXIM-MAX16813BATP/V+ Datasheet
1Mb / 27P
Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller and Battery Disconnect
Rev 1; 1/18
MAX16813BAUP/V+ MAXIM-MAX16813BAUP/V+ Datasheet
1Mb / 27P
Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller and Battery Disconnect
Rev 1; 1/18
MAX16813EVKIT MAXIM-MAX16813EVKIT Datasheet
475Kb / 10P
MAX16813 Evaluation Kit
Rev 0; 8/13
More results

Similar Description - MAX16813

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16814 MAXIM-MAX16814 Datasheet
2Mb / 25P
Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 2; 11/09
MAX16814 MAXIM-MAX16814_10 Datasheet
2Mb / 25P
Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 3; 2/10
MAX16838 MAXIM-MAX16838 Datasheet
1Mb / 21P
Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 1; 12/09
MAX16814 MAXIM-MAX16814_11 Datasheet
2Mb / 25P
Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 5; 3/11
MAX16814 MAXIM-MAX16814_13 Datasheet
2Mb / 25P
Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 7; 1/13
MAX16838 MAXIM-MAX16838_13 Datasheet
1Mb / 21P
Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 3; 6/13
MAX16814 MAXIM-MAX16814_15 Datasheet
1Mb / 25P
Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 10; 2/15
MAX16838B MAXIM-MAX16838B Datasheet
907Kb / 21P
Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 2; 3/16
MAX16813B MAXIM-MAX16813B Datasheet
1Mb / 27P
Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller and Battery Disconnect
Rev 1; 1/18
MAX16838 MAXIM-MAX16838_V01 Datasheet
686Kb / 21P
Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com