Electronic Components Datasheet Search
  English  ▼

X  

MAX16813 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX16813
Description  Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller and Battery Disconnect
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16813 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX16813 Datasheet HTML 1Page - Maxim Integrated Products MAX16813 Datasheet HTML 2Page - Maxim Integrated Products MAX16813 Datasheet HTML 3Page - Maxim Integrated Products MAX16813 Datasheet HTML 4Page - Maxim Integrated Products MAX16813 Datasheet HTML 5Page - Maxim Integrated Products MAX16813 Datasheet HTML 6Page - Maxim Integrated Products MAX16813 Datasheet HTML 7Page - Maxim Integrated Products MAX16813 Datasheet HTML 8Page - Maxim Integrated Products MAX16813 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
(VIN = VEN = 12V, RRT = 12.25kΩ, RSETI = 15kΩ, CVCC = 1µF, NDRV = COMP = OUT_ = PGATE = unconnected, VRSDT = VDIM =
VCC, VOVP = 0.7V, VCS = VLEDGND = VPGND = VSGND = 0V, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are
at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RT OSCILLATOR
Switching Frequency Range
fSW
Frequency dithering disabled
200
2000
kHz
Maximum Duty Cycle
fSW = 200kHz to 600kHz
90
94.5
98.5
%
fSW = 600kHz to 2000kHz
86
90.5
95
Oscillator Frequency Accuracy
fSW = 200kHz to 2000kHz, frequency dither
disabled
-7.5
+7.5
%
Frequency Dither
fDITH
Dither enabled, fSW = from 200kHz to
2000kHz
-5
-7
-9
%
Sync Rising Threshold
4
V
Minimum Sync Frequency
1.1fSW
kHz
PWM COMPARATOR
PWM Comparator Leading-Edge
Blanking
60
ns
PWM-to-NDRV Propagation
Delay
Including leading-edge blanking time
90
ns
SLOPE COMPENSATION
Peak Slope Compensation
Current Ramp Magnitude
Current ramp added to the CS input
45
50
55
µA
CURRENT-SENSE COMPARATOR
Current-Limit Threshold
(Note 3)
396
416
437
mV
CS Limit Comparator to NDRV
Propagation Delay
10mV overdrive, excluding leading edge
blanking time
10
ns
ERROR AMPLIFIER
OUT_ Regulation Voltage
1
V
Transconductance
gM
VCOMP = 2V
340
600
880
µS
No-Load Gain
(Note 4)
75
dB
COMP Sink Current
VOUT_ = 2.25V, VCOMP = 2V
160
375
800
µA
COMP Source Current
VOUT_ = 0V, VCOMP = 1.0V
160
375
800
µA
MOSFET DRIVER
NDRV On-Resistance
ISINK = 100mA (nMOS)
0.9
Ω
ISOURCE = 50mA (pMOS)
1.1
Ω
Peak Sink Current
VNDRV = 5V
2
A
Peak Source Current
VNDRV = 0V
2
A
Rise Time
CLOAD = 1nF
6
ns
Fall Time
CLOAD = 1nF
6
ns
Electrical Characteristics (continued)
MAX16813
Integrated, 4-Channel, High-Brightness
LED Driver with High-Voltage DC-DC Controller
and Battery Disconnect
www.maximintegrated.com
Maxim Integrated │ 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com