Electronic Components Datasheet Search
  English  ▼

X  

AH342 Datasheet(PDF) 4 Page - Anachip Corp

Part # AH342
Description  Active High/Low Complementary Output Hall-effect Latch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH342 Datasheet(HTML) 4 Page - Anachip Corp

  AH342 Datasheet HTML 1Page - Anachip Corp AH342 Datasheet HTML 2Page - Anachip Corp AH342 Datasheet HTML 3Page - Anachip Corp AH342 Datasheet HTML 4Page - Anachip Corp AH342 Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AH342
Active High/Low Complementary Output Hall-effect Latch
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Sep 30, 2005
4/5
Bhy
Vsat
Vcc
Brp
Bop
0
S
N
( Magnetic flux density B )
DO
Turn on
Turn off
( off-state )
( on-state )
Bhy
Vsat
Vcc
Brp
Bop
0
S
N
( Magnetic flux density B )
DOB
Turn oFF
Turn on
( off-state )
( on-state )
Performance Characteristics (SIP4)
Ta (
°C)
25
50
60
70
80
85
90
95
100
Pd (mW)
550
440
396
352
308
286
264
242
220
Ta (
°C)
105
110
115
120
125
130
135
140
150
Pd (mW)
198
176
154
132
110
88
66
44
0
P o w e r D issip a tio n C u rve
0
100
200
300
400
500
600
0
2 5
5 0
7 5
1 00
125
150
Ta (。 C)
Pd (m W )
Note:SIP-4L package.
Operating Characteristics
Marking side
S
Bhy
Vsat
Vcc
Vd
Brp
Bop
0
S
N
( Magnetic flux density )
DO
High
Low
( SIP4 )
N



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com