Electronic Components Datasheet Search
  English  ▼

X  

AH342 Datasheet(PDF) 3 Page - Anachip Corp

Part # AH342
Description  Active High/Low Complementary Output Hall-effect Latch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH342 Datasheet(HTML) 3 Page - Anachip Corp

  AH342 Datasheet HTML 1Page - Anachip Corp AH342 Datasheet HTML 2Page - Anachip Corp AH342 Datasheet HTML 3Page - Anachip Corp AH342 Datasheet HTML 4Page - Anachip Corp AH342 Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AH342
Active High/Low Complementary Output Hall-effect Latch
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Sep 30, 2005
3/5
Electrical Characteristics (Note 2, 3)
24
oC ± 2oC
-40
oC to 125 oC
Characteristic Sym.
Conditions
Min
Typ.
Max
Min
Typ.
Max
Units
Supply Voltage
VCC
4.5
-
28
4.5
-
28
V
Supply Current
ICC
28V±0.5% supply
4
4.5
6
3
4.5
7
mA
Output Voltage
#1 Sourcing
6.0
7.0
7.5
-
-
-
#2 Sinking
0
0.1
0.2
-
-
-
#1 Sinking
0
0.1
0.2
-
-
-
#2 Sourcing
VOUT
Switch magnetically operated:
No load 28V±0.5% supply.
Switch magnetically released:
No load 28V±0.5% supply.
6.0
7.0
7.5
-
-
-
V
Leakage (sink) ILeak(sink)
Apply voltage 0.2V greater than
measured output source voltage
measure
current,
no
load
28V±0.5% supply.
-
-
1.0
-
-
1.0
µA
Output Current
#1 Sourcing
5.5
7.4
8.0
5.0
7.4
8.5
#2 Sinking
2.8
3.4
4.7
2.4
3.4
5.0
#1 Sinking
2.8
3.4
4.7
2.4
3.4
5.0
#2 Sourcing
IOUT
Apply 2V to output and measure
current.
Switch
magnetically
operated, no load 28V±0.5%.
Apply 2V to output and measure
current.
Switch
magnetically
released, no load 28V±0.5%.
5.5
7.4
8.0
5.0
7.4
8.5
mA
Output Switching Time
Fall Time
tf
90% to 10%; no load 28V±0.5%
Supply
-
-
-
-
-
1.0
Rise Time
tr
10% to 90%; no load 28V±0.5%
Supply
-
-
-
-
-
1.0
µs
Magnetic Characteristics( Ta=+25°C) (Note 2, 3)
(1mT = 10 Gauss)
24
oC ± 2oC
Vs=12Vdc ± 0.5%Vdc
-40
oC to 125 oC
Vs=4.5Vdc to 28Vdc
Characteristic
Sym.
Min.
Max.
Min.
Max.
Unit
Operate Point
Bop
40
120
30
150
Gauss
Release Point
Brp
-120
-40
-150
-30
Gauss
Hysteresis
Bhy
120
200
120
200
Gauss
Note 2: All the parameters are tested under the 25
oC only. The operation temperature (-40oC to 125oC) is guaranteed by design, it is
typical value.
Note 3: The magnetic field strength (gauss) required to cause the switch to change state (operate and release) will be as specified in
the magnetic characteristics. To test the switch against the specified magnetic characteristics the switch must be placed in a
uniform magnetic field.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com