Electronic Components Datasheet Search
  English  ▼

X  

SMAJ Datasheet(PDF) 2 Page - Shanghai Yint Electronic Co., Ltd

Part # SMAJ
Description  SMAJ Transient Voltage Suppressor Diode Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

SMAJ Datasheet(HTML) 2 Page - Shanghai Yint Electronic Co., Ltd

  SMAJ Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd SMAJ Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd SMAJ Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd SMAJ Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd SMAJ Datasheet HTML 5Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Automotive and High Reliability TVS Diodes
Trustworthy electronic circuit protection expert
Surface Mount – 400W > SMAJ Series
www.yint.com.cn
Rev:19.3
2
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Part
Number
(Bi)
Part
Number
(Uni)
MARKING
Reverse
Stand off
Voltage VR
(Volts)
Breakdown
Voltage VBR
(Volts)@IT
Test
Curren
t
IT(mA)
Maximum
Reverse
Leakage
IR@ VR(μA)
Maximum
Peak Pulse
Current I pp
(A)
Maximum
Clamping
Voltage VC
@ I pp (V)
BI
UNI
Min .V
Max .V
SMAJ5.0CA
SMAJ5.0A
WE
AE
5.0
6.40
7.00
10
500
43.5
9.2
SMAJ6.0CA
SMAJ6.0A
WG
AG
6.0
6.67
7.37
10
500
38.8
10.3
SMAJ 6.5CA
SMAJ 6.5A
WK
AK
6.5
7.22
7.90
10
300
35.7
11.2
SMAJ7.0CA
SMAJ7.0 A
WM
AM
7.0
7.78
8.60
10
200
33.3
12.0
SMAJ 7.5CA
SMAJ 7.5A
WP
AP
7.5
8.33
9.21
1
100
31.0
12.9
SMAJ 8.0CA
SMAJ 8.0A
WR
AR
8.0
8.89
9.83
1
50
29.4
13.6
SMAJ8.5CA
SMAJ8.5 A
WT
AT
8.5
9.44
10.40
1
20
27.8
14.4
SMAJ9.0CA
SMAJ9.0 A
WV
AV
9.0
10.00
11.10
1
10
26.0
15.4
SMAJ10CA
SMAJ10 A
WX
AX
10.0
11.10
12.30
1
5
23.5
17.0
SMAJ11CA
SMAJ11 A
WZ
AZ
11.0
12.20
13.50
1
1
22.0
18.2
SMAJ12CA
SMAJ12 A
XE
BE
12.0
13.30
14.70
1
1
20.1
19.9
SMAJ13CA
SMAJ13A
XG
BG
13.0
14.40
15.90
1
1
18.6
21.5
SMAJ14CA
SMAJ14A
XK
BK
14.0
15.60
17.20
1
1
17.2
23.2
SMAJ15CA
SMAJ15A
XM
BM
15.0
16.70
18.50
1
1
16.4
24.4
SMAJ16CA
SMAJ16A
XP
BP
16.0
17.80
19.70
1
1
15.4
26.0
SMAJ17CA
SMAJ17A
XR
BR
17.0
18.90
20.90
1
1
14.5
27.6
SMAJ18CA
SMAJ18A
XT
BT
18.0
20.00
22.10
1
1
13.7
29.2
SMAJ20CA
SMAJ20A
XV
BV
20.0
22.20
24.50
1
1
12.3
32.4
SMAJ22CA
SMAJ22A
XX
BX
22.0
24.40
26.90
1
1
11.3
35.5
SMAJ24CA
SMAJ24A
XZ
BZ
24.0
26.70
29.50
1
1
10.3
38.9
SMAJ26CA
SMAJ26A
YE
CE
26.0
28.90
31.90
1
1
9.5
42.1
SMAJ28CA
SMAJ28A
YG
CG
28.0
31.10
34.40
1
1
8.8
45.4
SMAJ30CA
SMAJ30A
YK
CK
30.0
33.30
36.80
1
1
8.3
48.4
SMAJ33CA
SMAJ33A
YM
CM
33.0
36.70
40.60
1
1
7.5
53.3
SMAJ36CA
SMAJ36A
YP
CP
36.0
40.00
44.20
1
1
6.9
58.1
SMAJ40CA
SMAJ40A
YR
CR
40.0
44.40
49.10
1
1
6.2
64.5
SMAJ43CA
SMAJ43A
YT
CT
43.0
47.80
52.80
1
1
5.8
69.4
SMAJ45CA
SMAJ45A
YV
CV
45.0
50.00
55.30
1
1
5.5
72.7
SMAJ48CA
SMAJ48A
YX
CX
48.0
53.30
58.90
1
1
5.2
77.4
SMAJ51CA
SMAJ51A
YZ
CZ
51.0
56.70
62.70
1
1
4.9
82.4
SMAJ54CA
SMAJ54A
ZE
RE
54.0
60.00
66.30
1
1
4.6
87.1
SMAJ58CA
SMAJ58A
ZG
RG
58.0
64.40
71.20
1
1
4.3
93.6
SMAJ60CA
SMAJ60A
ZK
RK
60.0
66.70
73.70
1
1
4.1
96.8
SMAJ64CA
SMAJ64A
ZM
RM
64.0
71.10
78.60
1
1
3.9
103.0
SMAJ70CA
SMAJ70A
ZP
RP
70.0
77.80
86.00
1
1
3.5
113.0
SMAJ75CA
SMAJ75A
ZR
RR
75.0
83.30
92.10
1
1
3.3
121.0
SMAJ78CA
SMAJ78A
ZT
RT
78.0
86.70
95.80
1
1
3.2
126.0
SMAJ85CA
SMAJ85A
ZV
RV
85.0
94.4
104.0
1
1
2.9
137.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com