Electronic Components Datasheet Search
  English  ▼

X  

SMAJ Datasheet(PDF) 5 Page - Shanghai Yint Electronic Co., Ltd

Part # SMAJ
Description  SMAJ Transient Voltage Suppressor Diode Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

SMAJ Datasheet(HTML) 5 Page - Shanghai Yint Electronic Co., Ltd

  SMAJ Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd SMAJ Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd SMAJ Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd SMAJ Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd SMAJ Datasheet HTML 5Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Automotive and High Reliability TVS Diodes
Trustworthy electronic circuit protection expert
Surface Mount – 400W > SMAJ Series
www.yint.com.cn
Rev:19.3
5
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
DO-214AC (SMA)
Mounting Pad Layout
Part Numbering System
Part Marking System
SMAJ XXX CA
Types A:Uni-Polar
CA: Bi-Polar
Stand-off Voltage
e.g. 6.5=6.5V 30=30.0V
Peak pulse power
e.g. SMA=400W SMB=600W
SMC=1500W SMD=3000W
P6SMB=600W
Disclaimer
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device
performance may vary over time.
Users should verify actual device performance in their specific applications.
D/C
WE
Data code
Product
Marking
Yint logo
Cathode Band (for
Uni-directional products only)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com