Electronic Components Datasheet Search
  English  ▼

X  

AT38 Datasheet(PDF) 1 Page - Fronter Electronics Co., Ltd.

Part # AT38
Description  DIP Cylindrical Crystal MHz 3x8 mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTER [Fronter Electronics Co., Ltd.]
Direct Link  http://www.chinafronter.com
Logo FRONTER - Fronter Electronics Co., Ltd.

AT38 Datasheet(HTML) 1 Page - Fronter Electronics Co., Ltd.

  AT38 Datasheet HTML 1Page - Fronter Electronics Co., Ltd. AT38 Datasheet HTML 2Page - Fronter Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Address:Rm 1112-1117., Xinian Center. NO. 6021, Shennan Rd. Shenzhen Gaungdong 518040, China Tel:(86)755-83458718 Fax: (86)755-83459818 E-mial: sales@chinafronter.com
DIP QUARTZ CRYSTAL RESONATOR
石 英 晶 体 谐 振 器
★
PARAMETERS
技术参数
PARAMETERS
参数
SPECIFICATION 规格
Frequency Range
频率范围
6.000~50.000MHz
Loading Capacitance
负载电容
20pF Std. 7pF~33pF available
Drive Level
激励电平
10μW(300μW Max)
Frequency Tolerance
频率偏差
±10ppm / ±20ppm(at 25℃)
Equivalent Resistance
谐振电阻
See Below
Frequency Stability
频率稳定性
±10ppm~±30ppm
Operating Temp. Range:
工作温度范围
0~+50℃ to -40~+85℃
Storage Temp. Range:
储存温度范围
-40~+85℃
Aging(25℃,First Year)
年老化率
±5ppm max
☉All specification subject change without notice. 规格变化,恕不另行通知。
★
FREQUENCY STABILITY VS. TEMPERATURE
频率温度特性
★
ESR(SERIES RESISTANCE RS)
Frequency Stability
Operation
Temperature Range
±10ppm
±20ppm
±30ppm
±50ppm
0℃~+50℃
○
●
○
○
-10℃~+60℃
○
●
○
○
-20℃~+70℃
○
○
●
○
-40℃~+85℃
○
○
●
●
standard
○ available
★ DIMENSIONS& LAND PATTERN LAYOUT (Unit: mm) 外形尺寸
FRONTER ELECTRONICS CO., LTD.
深圳市 福浪电 子有限 公司
DIP Cylindrical Crystal MHzφ3×8 mm
3 x 8 mm cylinder type
Small size
±20 ppm Standard
With Insulation Sleeve Available
RoHS
2002/95/EC
RoHS compliant
Frequency
Vibration Mode
ESR
6.000-7.999MHz
AT CUT/FUND.
100Ω(MAX)
8.000-9.999MHz
AT CUT/FUND.
80Ω(MAX)
10.000-11.999MHz
AT CUT/FUND.
60Ω(MAX)
12.000-15.999MHz
AT CUT/FUND.
50Ω(MAX)
16.000-19.999MHz
AT CUT/FUND.
40Ω(MAX)
20.000-33.000MHz
AT CUT/FUND.
30Ω(MAX)
30.000-50.000MHz
AT 3rd /OT
100Ω(MAX)
9.5 min
8.2 max


Similar Part No. - AT38

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT38 ETC2-AT38 Datasheet
221Kb / 1P
QUARTZ CRYSTAL RESONATOR
More results

Similar Description - AT38

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT_2X6_3X8 ACT-ACT_2X6_3X8 Datasheet
228Kb / 2P
ACT 2x6 & 3x8 Watch Crystal
12-12-2012
logo
Abracon Corporation
AB26TRB ABRACON-AB26TRB_15 Datasheet
925Kb / 3P
CYLINDRICAL WATCH CRYSTAL
04.24.13
logo
Fronter Electronics Co....
AT26 FRONTER-AT26 Datasheet
169Kb / 2P
DIP Cylindrical Crystal MHz 2x6 mm
AT39 FRONTER-AT39 Datasheet
169Kb / 2P
DIP Cylindrical Crystal MHz 3x9 mm
AT310 FRONTER-AT310 Datasheet
169Kb / 2P
DIP Cylindrical Crystal MHz 3x10 mm
DT38 FRONTER-DT38 Datasheet
127Kb / 2P
DIP Tuning Fork 3x8 mm
HC-49S FRONTER-HC-49S Datasheet
184Kb / 2P
Dip Crystal 11.4x4.8 mm
HC-49S-3PIN FRONTER-HC-49S-3PIN Datasheet
185Kb / 2P
3 Pin Dip Crystal 11.4x4.8 mm
logo
Suntsu Electronics, Inc...
SCM832 SUNTSU-SCM832 Datasheet
187Kb / 2P
Cylindrical DIP 2 Lead Crystal
SWT622 SUNTSU-SWT622 Datasheet
140Kb / 1P
Cylindrical Watch Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com