Electronic Components Datasheet Search
  English  ▼

X  

AT38 Datasheet(PDF) 2 Page - Fronter Electronics Co., Ltd.

Part # AT38
Description  DIP Cylindrical Crystal MHz 3x8 mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTER [Fronter Electronics Co., Ltd.]
Direct Link  http://www.chinafronter.com
Logo FRONTER - Fronter Electronics Co., Ltd.

AT38 Datasheet(HTML) 2 Page - Fronter Electronics Co., Ltd.

  AT38 Datasheet HTML 1Page - Fronter Electronics Co., Ltd. AT38 Datasheet HTML 2Page - Fronter Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Address:Rm 1112-1117., Xinian Center. NO. 6021, Shennan Rd. Shenzhen Gaungdong 518040, China Tel:(86)755-83458718 Fax: (86)755-83459818 E-mial: sales@chinafronter.com
●
Mounting of cylinder type products:
Soldering the body of the cylinder type crystal units with PCB must be avoided due to deteriorate the characteristics or damage
the products. Rubber adhesive is recommended.
Soldering
Lead wires should be soldered within 3 seconds with the soldering iron
heated to a temperature no higher than 300℃
★
PART NUMBER GUIDE 部件号示例
e.g. FTX20.000M20A8-20/30B (*A8=AT 3.0×8.0mm)
Logo
Quartz Crystal Resonator
石英晶体谐振器
Frequency
频率
Hz
Load Capacitance
负载电容
pF
Package
盒型
Frequency
Tolerance
常温频差
ppm
Frequency
Stability
温度频差
ppm
Operating Temp.
Range
工作温度
FT
X
20.000M
20
A8
20
30
B
Definition
Description
A:
-10~+60℃
B:
-20~+70℃
C:
-30~+80℃
D:
-40~+85℃
Operating
Temperature Range
E:
Customer specified
★ WAVE SOLDERING PROFILE 波峰焊特性
FRONTER ELECTRONICS CO., LTD.
深圳市 福浪电 子有限 公司



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com