Electronic Components Datasheet Search
  English  ▼

X  

BUL45F Datasheet(PDF) 2 Page - ON Semiconductor

Part # BUL45F
Description  POWER TRANSISTOR 5.0 AMPERES 700 VOLTS 35 and 75 WATTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUL45F Datasheet(HTML) 2 Page - ON Semiconductor

  BUL45F Datasheet HTML 1Page - ON Semiconductor BUL45F Datasheet HTML 2Page - ON Semiconductor BUL45F Datasheet HTML 3Page - ON Semiconductor BUL45F Datasheet HTML 4Page - ON Semiconductor BUL45F Datasheet HTML 5Page - ON Semiconductor BUL45F Datasheet HTML 6Page - ON Semiconductor BUL45F Datasheet HTML 7Page - ON Semiconductor BUL45F Datasheet HTML 8Page - ON Semiconductor BUL45F Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
BUL45 BUL45F
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS — continued (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
Base–Emitter Saturation Voltage (IC = 1.0 Adc, IB = 0.2 Adc)
(IC = 2.0 Adc, IB = 0.4 Adc)
VBE(sat)
—
—
0.84
0.89
1.2
1.25
Vdc
Collector–Emitter Saturation Voltage
(IC = 1.0 Adc, IB = 0.2 Adc)
(TC = 125°C)
VCE(sat)
—
—
0.175
0.150
0.25
—
Vdc
Collector–Emitter Saturation Voltage
(IC = 2.0 Adc, IB = 0.4 Adc)
(TC = 125°C)
VCE(sat)
—
—
0.25
0.275
0.4
—
Vdc
DC Current Gain (IC = 0.3 Adc, VCE = 5.0 Vdc)
(TC = 125°C)
DC Current Gain (IC = 2.0 Adc, VCE = 1.0 Vdc)
(TC = 125°C)
DC Current Gain (IC = 10 mAdc, VCE = 5.0 Vdc)
hFE
14
—
7.0
5.0
10
—
32
14
12
22
34
—
—
—
—
—
DYNAMIC CHARACTERISTICS
Current Gain Bandwidth (IC = 0.5 Adc, VCE = 10 Vdc, f = 1.0 MHz)
fT
—
12
—
MHz
Output Capacitance (VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cob
—
50
75
pF
Input Capacitance (VEB = 8.0 Vdc)
Cib
—
920
1200
pF
Dynamic Saturation Voltage:
Determined 1.0
µs and
3.0
µs respectively after
rising IB1 reaches 90%
of final IB1
(see Figure 18)
(IC = 1.0 Adc
IB1 = 100 mAdc
VCC = 300 V)
1.0
µs
(TC = 125°C)
VCE
(Dyn sat)
—
—
1.75
4.4
—
—
Vdc
Determined 1.0
µs and
3.0
µs respectively after
rising IB1 reaches 90%
of final IB1
(see Figure 18)
IB1 = 100 mAdc
VCC = 300 V)
3.0
µs
(TC = 125°C)
VCE
(Dyn sat)
—
—
0.5
1.0
—
—
Vdc
rising IB1 reaches 90%
of final IB1
(see Figure 18)
(IC = 2.0 Adc
IB1 = 400 mAdc
VCC = 300 V)
1.0
µs
(TC = 125°C)
VCE
(Dyn sat)
—
—
1.85
6.0
—
—
Vdc
IB1 = 400 mAdc
VCC = 300 V)
3.0
µs
(TC = 125°C)
—
—
0.5
1.0
—
—
SWITCHING CHARACTERISTICS: Resistive Load
Turn–On Time
(IC = 2.0 Adc, IB1 = IB2 = 0.4 Adc
Pulse Width = 20
µs,
(TC = 125°C)
Duty Cycle < 20%
VCC = 300 V)
(TC = 125°C)
ton
—
—
75
120
110
—
ns
Turn–Off Time
Duty Cycle < 20%
VCC = 300 V)
(TC = 125°C)
toff
—
—
2.8
3.5
3.5
—
µs
SWITCHING CHARACTERISTICS: Inductive Load (VCC = 15 Vdc, LC = 200 µH, Vclamp = 300 Vdc)
Fall Time
(IC = 2.0 Adc, IB1 = 0.4 Adc
IB2 = 0.4 Adc)
(TC = 125°C)
tfi
70
—
—
200
170
—
ns
Storage Time
(TC = 125°C)
tsi
2.6
—
—
4.2
3.8
—
µs
Crossover Time
(TC = 125°C)
tc
—
—
230
400
350
—
ns
Fall Time
(IC = 1.0 Adc, IB1 = 100 mAdc
IB2 = 0.5 Adc)
(TC = 125°C)
tfi
—
—
110
100
150
—
ns
Storage Time
(TC = 125°C)
tsi
—
—
1.1
1.5
1.7
—
µs
Crossover Time
(TC = 125°C)
tc
—
—
170
170
250
—
ns
Fall Time
(IC = 2.0 Adc, IB1 = 250 mAdc
IB2 = 2.0 Adc)
(TC = 125°C)
tfi
—
80
120
ns
Storage Time
(TC = 125°C)
tsi
—
0.6
0.9
µs
Crossover Time
(TC = 125°C)
tc
—
175
300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com