Electronic Components Datasheet Search
  English  ▼

X  

MAX4596DBVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # MAX4596DBVR
Description  SINGLE-CHANNEL 10-ohm SPST ANALOG SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX4596DBVR Datasheet(HTML) 4 Page - Texas Instruments

  MAX4596DBVR Datasheet HTML 1Page - Texas Instruments MAX4596DBVR Datasheet HTML 2Page - Texas Instruments MAX4596DBVR Datasheet HTML 3Page - Texas Instruments MAX4596DBVR Datasheet HTML 4Page - Texas Instruments MAX4596DBVR Datasheet HTML 5Page - Texas Instruments MAX4596DBVR Datasheet HTML 6Page - Texas Instruments MAX4596DBVR Datasheet HTML 7Page - Texas Instruments MAX4596DBVR Datasheet HTML 8Page - Texas Instruments MAX4596DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MAX4596
SINGLECHANNEL 10 W SPST ANALOG SWITCH
SLLS641 – JANUARY 2005
www.ti.com
4
Electrical Characteristics for 5-V Supply(1) (continued)
V+ = 4.5 V to 5.5 V, TA = −40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
Turn-on time
tON
VNO = 3 V,
CL = 35 pF,
25
°C
5 V
20
35
ns
Turn-on time
tON
VNO = 3 V,
RL = 300 Ω,
CL = 35 pF,
See Figure 17
Full
4.5 V to 5.5 V
45
ns
Turn-off time
tOFF
VCOM = 3 V,
CL = 35 pF,
25
°C
5 V
25
40
ns
Turn-off time
tOFF
VCOM = 3 V,
RL = 300 Ω,
CL = 35 pF,
See Figure 17
Full
4.5 V to 5.5 V
50
ns
Charge injection
QC
VGEN = 0, RGEN = 0,
CL = 1 nF,
See Figure 20
25
°C
5 V
2
5
pC
NO
OFF capacitance
CNO(OFF)
VNO = V+ or GND,
f = 1 MHz,
Switch OFF,
See Figure 16
25
°C
5 V
8
pF
COM
OFF capacitance
CCOM(OFF)
VCOM = V+ or GND,
f = 1 MHz,
Switch OFF,
See Figure 16
25
°C
5 V
8
pF
NO
ON capacitance
CNO(ON))
VNO = V+ or GND,
f = 1 MHz,
Switch ON,
See Figure 16
25
°C
5 V
20
pF
COM
ON capacitance
CCOM(ON)
VCOM = V+ or GND,
f = 1 MHz,
Switch ON,
See Figure 16
25
°C
5 V
20
pF
Digital input
capacitance
CI
VI = V+ or GND,
See Figure 16
25
°C
5 V
3
pF
Bandwidth
BW
RL = 50 Ω,
Signal = 0 dBm,
Switch ON,
See Figure 18
25
°C
5 V
300
MHz
OFF isolation
OISO
RL = 50 Ω, CL = 5 pF,
VNO = 1 VRMS, f = 1 MHz,
Switch OFF,
See Figure 19
25
°C
5 V
−83
dB
Total harmonic
distortion
THD
RL = 600 Ω, CL = 50 pF,
VSOURCE = 5 Vp-p,
f = 20 Hz to 20 kHz,
See Figure 21
25
°C
5 V
0.05
%
Supply
Positive supply
current
I+
VI = V+ or GND,
Switch ON or OFF
Full
5.5 V
1
µA
(1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com