Electronic Components Datasheet Search
  English  ▼

X  

MAX4596DBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MAX4596DBVR
Description  SINGLE-CHANNEL 10-ohm SPST ANALOG SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX4596DBVR Datasheet(HTML) 1 Page - Texas Instruments

  MAX4596DBVR Datasheet HTML 1Page - Texas Instruments MAX4596DBVR Datasheet HTML 2Page - Texas Instruments MAX4596DBVR Datasheet HTML 3Page - Texas Instruments MAX4596DBVR Datasheet HTML 4Page - Texas Instruments MAX4596DBVR Datasheet HTML 5Page - Texas Instruments MAX4596DBVR Datasheet HTML 6Page - Texas Instruments MAX4596DBVR Datasheet HTML 7Page - Texas Instruments MAX4596DBVR Datasheet HTML 8Page - Texas Instruments MAX4596DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MAX4596
SINGLECHANNEL 10 W SPST ANALOG SWITCH
SLLS641 – JANUARY 2005
Description
The MAX4596 is a single-pole single-throw (SPST)
analog switch that is designed to operate from 2 V to
5 V. This device can handle both digital and analog
signals, and signals up to V+ (peak) can be transmitted
in either direction.
Applications
D Sample-and-Hold Circuits
D Battery-Powered Equipment
D Audio and Video Signal Routing
D Communication Circuits
SOT-23 OR SC-70 PACKAGE
(TOP VIEW)
1
2
3
5
4
IN
COM
GND
NO
V+
FUNCTION TABLE
IN
NO TO COM,
COM TO NO
L
OFF
H
ON
Features
D Low ON-State Resistance (10 W)
D ON-State Resistance Flatness (1.5 W)
D Control Inputs Are 5.5-V Tolerant
D Low Charge Injection (5 pC Max)
D 300-MHz −3-dB Bandwidth at 255C
D Low Total Harmonic Distortion (THD) (0.05%)
D 2-V to 5.5-V Single-Supply Operation
D Specified at 5-V and 3.3-V Nodes
D −83-dB OFF Isolation at 1 MHz
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D 0.5-nA Max OFF Leakage
D ESD Performance Tested Per JESD 22
− 2000-V Human-Body Model
(A114-B, Class II)
− 1000-V Charged-Device Model (C101)
D TTL/CMOS-Logic Compatible
Summary of Characteristics
V+ = 5 V, TA = 25°C
Configuration
Single Pole
Single Throw
(SPST)
Number of channels
1
ON-state resistance (ron)
10
Ω
ON-state resistance flatness (ron(flat))
1.5
Ω
Turn-on/turn-off time (tON/tOFF)
35 ns/40 ns
Charge injection (QC)
5 pC
Bandwidth (BW)
300 MHz
OFF isolation (OISO)
−83 dB at 1 MHz
Total harmonic distortion (THD)
0.05%
Leakagecurrent(ICOM(OFF)/INO(OFF))
±0.05 nA
Power-supply current (I+)
1
µA
Package option
5-pin SOT-23 or SC-70
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
−40
°C to 85°C
SOT (SOT-23) − DBV
Tape and reel
MAX4596DBVR
6SB_
−40
°C to 85°C
SOT (SC−70) − DCK
Tape and reel
MAX4596DCKR
SB_
(1) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package.
(2) DBV/DCK: The actual top-side marking has one additional character that designates the assembly/test site.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2005, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - MAX4596DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX4596DBVR TI1-MAX4596DBVR Datasheet
679Kb / 16P
SINGLE-CHANNEL 10-OHM SPST ANALOG SWITCH
MAX4596DBVR TI2-MAX4596DBVR Datasheet
1Mb / 21P
SINGLE-CHANNEL 10-2 SPST ANALOG SWITCH
JANUARY 2005
MAX4596DBVR.B TI2-MAX4596DBVR.B Datasheet
1Mb / 21P
SINGLE-CHANNEL 10-2 SPST ANALOG SWITCH
JANUARY 2005
MAX4596DBVRE4 TI1-MAX4596DBVRE4 Datasheet
679Kb / 16P
SINGLE-CHANNEL 10-OHM SPST ANALOG SWITCH
MAX4596DBVRG4 TI1-MAX4596DBVRG4 Datasheet
679Kb / 16P
SINGLE-CHANNEL 10-OHM SPST ANALOG SWITCH
More results

Similar Description - MAX4596DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A1066 TI-TS5A1066 Datasheet
220Kb / 19P
10 OHM SPST ANALOG SWITCH
TS5A4594 TI-TS5A4594 Datasheet
157Kb / 14P
SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597 Datasheet
157Kb / 14P
SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
MAX4595DBVR TI-MAX4595DBVR Datasheet
693Kb / 16P
SINGLE-CHANNEL 10-??SPST ANALOG SWITCH
MAX4594DCKRG4 TI1-MAX4594DCKRG4 Datasheet
679Kb / 16P
SINGLE-CHANNEL 10 OHM SPST ANALOG SWITCH
MAX4596DCKRG4 TI1-MAX4596DCKRG4 Datasheet
679Kb / 16P
SINGLE-CHANNEL 10-OHM SPST ANALOG SWITCH
MAX4594 TI-MAX4594_15 Datasheet
680Kb / 16P
SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4595 TI-MAX4595_15 Datasheet
680Kb / 16P
SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4596 TI-MAX4596_15 Datasheet
680Kb / 16P
SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4597 TI-MAX4597_15 Datasheet
680Kb / 16P
SINGLE-CHANNEL 10 SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com