Electronic Components Datasheet Search
  English  ▼

X  

NJM2865F3 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJM2865F3
Description  LOW DROPOUT VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2865F3 Datasheet(HTML) 3 Page - New Japan Radio

  NJM2865F3 Datasheet HTML 1Page - New Japan Radio NJM2865F3 Datasheet HTML 2Page - New Japan Radio NJM2865F3 Datasheet HTML 3Page - New Japan Radio NJM2865F3 Datasheet HTML 4Page - New Japan Radio NJM2865F3 Datasheet HTML 5Page - New Japan Radio NJM2865F3 Datasheet HTML 6Page - New Japan Radio NJM2865F3 Datasheet HTML 7Page - New Japan Radio NJM2865F3 Datasheet HTML 8Page - New Japan Radio NJM2865F3 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NJM2865/66
- 3 -
Ver.2004-12-22
ELECTRICAL CHARACTERISTICS (Vo
≤2.0V version: VIN= Vo+1V, CIN=0.1µF, Co=2.2µF,Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
Vo
Io=30mA
-1.0%
−
+1.0%
V
Quiescent Current
IQ
Io=0mA, expect Icont
−
120
180
µA
Quiescent Current
at Control OFF
IQ(OFF)
VCONT=0V
−
−
100
nA
Output Current
Io
Vo-0.3V
100
130
−
mA
Line Regulation
∆Vo/∆VIN
VIN=Vo+1V
∼ Vo+6V, Io=30mA
−
−
0.10
%/V
Load Regulation
∆Vo/∆Io
Io=0
∼ 60mA
−
−
0.03
%/mA
Ripple Rejection
RR
ein=200mVrms,f=1kHz,Io=10mA,
Vo=1.8V Version
−
80
−
dB
Average Temperature
Coefficient of Output
Voltage
∆Vo/∆Ta
Ta=0
∼ 85°C, Io=10mA
−
± 50
−
ppm/
°C
Output Noise Voltage
VNO
f=10Hz
∼ 80kHz, Io=10mA
Vo=1.8V Version
−
27
−
µVrms
Control Voltage for ON-state
VCONT(ON)
1.6
−
−
V
Control Voltage for OFF-state
VCONT(OFF)
−
−
0.6
V
(*4): The above specification is a common specification for all output voltages.
Therefore, it may be different from the individual specification for a specific output voltage.
TEST CIRCUIT
NJM2865/66
VIN
VIN
VOUT
CONTROL
GND
0.1
µF
IIN
ICONT
VCONT
IOUT
VOUT
V
V
A
A
(ceramic)
1.0
µF *note1
*note1
1.6V<Vo
≤2.6V version: Co=2.2µF(ceramic)
Vo
≤1.6V version: 4.7µF(ceramic)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com