Electronic Components Datasheet Search
  English  ▼

X  

NJM2865F3 Datasheet(PDF) 9 Page - New Japan Radio

Part # NJM2865F3
Description  LOW DROPOUT VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2865F3 Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJM2865F3 Datasheet HTML 2Page - New Japan Radio NJM2865F3 Datasheet HTML 3Page - New Japan Radio NJM2865F3 Datasheet HTML 4Page - New Japan Radio NJM2865F3 Datasheet HTML 5Page - New Japan Radio NJM2865F3 Datasheet HTML 6Page - New Japan Radio NJM2865F3 Datasheet HTML 7Page - New Japan Radio NJM2865F3 Datasheet HTML 8Page - New Japan Radio NJM2865F3 Datasheet HTML 9Page - New Japan Radio NJM2865F3 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NJM2865/66
- 9 -
Ver.2004-12-22
ELECTRICAL CHARACTERISTICS
-0.1
-0.05
0
0.05
0.1
-50
0
50
100
150
Temperature : Ta (
oC)
NJM2865/66_3.0V
Line Regulation v.s. Temperature
@:dVIN=4.0-9.0V
Io=30mA
Co=1.0
µF(Ceramic)
0
0.005
0.01
0.015
0.02
0.025
0.03
-50
0
50
100
150
Temperature : Ta (
oC)
NJM2865/66_3.0V
Load Regulation v.s. Temperature
@:VIN=4.0V
Io=0-60mA
Co=1.0
µF(Ceramic)
0
0.5
1
1.5
2
2.5
3
3.5
4
-50
0
50
100
150
200
Temperature Ta (
oC)
NJM2865/66_3.0V
Output Voltage v.s. Temperature
@:VIN=4.0V
Io=30mA
Co=1.0
µF(Ceramic)
0
50
100
150
200
-50
0
50
100
150
Temperature : Ta (
oC)
NJM2865/66_3.0V
Short Circuit Current v.s. Temperature
@:VIN=4.0V
Output is short to ground.
Co=1.0
µF(Ceramic)
-1
0
1
2
3
4
5
6
7
-30
-25
-20
-15
-10
-5
0
5
10
0
4
8
12
16
20
NJM2865/66_3.0V
ON/OFF Transient Response
Time : t [mS]
Control Voltage
Output Voltage
@:Ta=25
o
C
VDD=4.0V
Co=1.0
µF(Ceramic)
Io=30mA
-1
0
1
2
3
4
5
6
7
-30
-25
-20
-15
-10
-5
0
5
10
00.4
0.8
1.2
1.6
2
NJM2865/66_3.0V
ON/OFF Transient Response without load
Time : t [mS]
Control Voltage
Output Voltage
@:Ta=25
o
C
VDD=4.0V
Co=1.0
µF(Ceramic)
Io=0mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com