Electronic Components Datasheet Search
  English  ▼

X  

BUV20 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BUV20
Description  SITCHMODE Series NPN Silicon Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUV20 Datasheet(HTML) 2 Page - ON Semiconductor

  BUV20 Datasheet HTML 1Page - ON Semiconductor BUV20 Datasheet HTML 2Page - ON Semiconductor BUV20 Datasheet HTML 3Page - ON Semiconductor BUV20 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BUV20 BUV60
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS1
Collector–Emitter Sustaining Voltage
(IC = 200 mA, IB = 0, L = 25 mH)
BUV20, BUV60
VCEO(sus)
125
Vdc
Collector Cutoff Current at Reverse Bias
(VCE = 140 V, VBE = – 1.5 V)
BUV20
(VCE = 140 V, VBE = – 1.5 V, TC = 125_C)
BUV20
(VCE = 260 V, VBE = – 1.5 V)
BUV60
ICEX
3.0
12
mAdc
Collector–Emitter Cutoff Current
(VCE = 100 V)
BUV20
ICEO
3.0
mAdc
Emitter–Base Reverse Voltage
(IE = 50 mA)
BUV20, BUV60
VEBO
7
V
Emitter–Cutoff Current
(VEB = 5 V)
BUV20, BUV60
IEBO
1.0
mAdc
SECOND BREAKDOWN
Second Breakdown Collector Current with base forward biased
(VCE = 20 V, t = 1 s)
(VCE = 40 V, t = 1 s)
IS/b
12
1.5
Adc
ON CHARACTERISTICS1
DC Current Gain
(IC = 25 A, VCE = 2 V)
BUV20
(IC = 50 A, VCE = 4 V)
BUV20
hFE
20
10
60
–
Collector–Emitter Saturation Voltage
(IC = 25 A, IB = 2.5 A)
BUV20
(IC = 50 A, IB = 5 A)
BUV20
VCE(sat)
0.6
1.2
Vdc
Base–Emitter Saturation Voltage
(IC = 50 A, IB = 5 A)0
BUV20
VBE(sat)
2.0
Vdc
Collector–Emitter Saturation Voltage
(IC = 25 A, IB = 1.25 A)
BUV60
(IC = 50 A, IB = 5 A)
BUV60
(IC = 60 A, IB = 7.5 A)
BUV60
VCE(sat)
0.9
0.9
1.2
Vdc
Base–Emitter Saturation Voltage
(IC = 50 A, IB = 5 A)
BUV60
(IC = 60 A, IB = 7.5 A)
BUV60
VBE(sat)
1.6
1.8
Vdc
DYNAMIC CHARACTERISTICS
Current Gain — Bandwidth Product
(VCE = 15 V, IC = 2 A, f = 4 MHz)
fT
8.0
MHz
SWITCHING CHARACTERISTICS (Resistive Load)
Turn–on Time
(I
50 A I
I
5A
ton
1.5
µs
Storage Time
(IC = 50 A, IB1 = IB2 = 5 A,
VCC = 30 V, RC = 0.6 Ω)
ts
1.2
Fall Time
VCC = 30 V, RC = 0.6 Ω)
tf
0.25
1 Pulse Test: Pulse Width
v 300 µs, Duty Cycle v 2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com