Electronic Components Datasheet Search
  English  ▼

X  

BUV20 Datasheet(PDF) 3 Page - ON Semiconductor

Part # BUV20
Description  SITCHMODE Series NPN Silicon Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUV20 Datasheet(HTML) 3 Page - ON Semiconductor

  BUV20 Datasheet HTML 1Page - ON Semiconductor BUV20 Datasheet HTML 2Page - ON Semiconductor BUV20 Datasheet HTML 3Page - ON Semiconductor BUV20 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BUV20 BUV60
http://onsemi.com
3
Figure 2. Active Region Safe Operating Area
100
1
VCE, COLLECTOR-EMITTER VOLTAGE (V)
10
125
50
10
1
100
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC – VCE
limits of the transistor that must be observed for reliable
operation i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 2 is based on TC = 25
_C. TJ(pk) is
variable depending on power level. Second breakdown
limitations do not derate the same as thermal limitations.
At high case temperatures, thermal limitations will reduce
the power that can be handled to values less than the
limitations imposed by second breakdown.
104 µF
Figure 3. “On” Voltages
Figure 4. DC Current Gain
100
100
IC, COLLECTOR CURRENT (A)
110
80
0
60
40
20
VCE = 4 V
Figure 5. Resistive Switching Performance
3.0
010
20
30
50
VCC = 30 V
IC/IB1 = 10
IB1 = IB2
2.0
1.0
tS
0.4
0.3
0.2
40
ton
tF
2.0
IC, COLLECTOR CURRENT (A)
110
1.6
IC/IB = 10
0.8
1.2
0.4
Figure 6. Switching Times Test Circuit
IC, COLLECTOR CURRENT (A)
VBE(sat)
VCE(sat)
VCC
IB2
IB1
RC
RC — Non inductive resistance
VCC =30 V
RC = 0.6 Ω
0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com