Electronic Components Datasheet Search
  English  ▼

X  

IR3637STRPBF Datasheet(PDF) 21 Page - International Rectifier

Part # IR3637STRPBF
Description  1% ACCURATE SYNCHRONOUS PWM CONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3637STRPBF Datasheet(HTML) 21 Page - International Rectifier

Back Button IR3637STRPBF Datasheet HTML 13Page - International Rectifier IR3637STRPBF Datasheet HTML 14Page - International Rectifier IR3637STRPBF Datasheet HTML 15Page - International Rectifier IR3637STRPBF Datasheet HTML 16Page - International Rectifier IR3637STRPBF Datasheet HTML 17Page - International Rectifier IR3637STRPBF Datasheet HTML 18Page - International Rectifier IR3637STRPBF Datasheet HTML 19Page - International Rectifier IR3637STRPBF Datasheet HTML 20Page - International Rectifier IR3637STRPBF Datasheet HTML 21Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
IR3637SPBF
21
Rev. 1.1
06/16/05
www.irf.com
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information
Data and specifications subject to change without notice. 6/16/2005
This product has been designed and qualified for the Consumer market.
PACKAGE SHIPMENT METHOD
PKG
PACKAGE
PIN
PARTS
PARTS
T & R
DESIG
DESCRIPTION
COUNT
PER TUBE
PER REEL
ORIENTATION
S
SOIC, NARROW BODY
8
95
2500
FigA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com