Electronic Components Datasheet Search
  English  ▼

X  

IR3637STRPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IR3637STRPBF
Description  1% ACCURATE SYNCHRONOUS PWM CONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3637STRPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IR3637STRPBF Datasheet HTML 3Page - International Rectifier IR3637STRPBF Datasheet HTML 4Page - International Rectifier IR3637STRPBF Datasheet HTML 5Page - International Rectifier IR3637STRPBF Datasheet HTML 6Page - International Rectifier IR3637STRPBF Datasheet HTML 7Page - International Rectifier IR3637STRPBF Datasheet HTML 8Page - International Rectifier IR3637STRPBF Datasheet HTML 9Page - International Rectifier IR3637STRPBF Datasheet HTML 10Page - International Rectifier IR3637STRPBF Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
IR3637SPBF
7
Rev. 1.1
06/16/05
www.irf.com
For higher efficiency, low ESR capacitor is recommended.
Two capacitors of Sanyo's TPB series PosCap with
150
µF, 6.3V, 40mΩ ESR and 1.4A ripple current will
meet the ripple current requirement.
Inductor Selection
The inductor is selected based on output power, operat-
ing frequency and efficiency requirements. Low inductor
value causes large ripple current, resulting in the smaller
size, faster response to a load transient but poor effi-
ciency and high output noise. Generally, the selection of
inductor value can be reduced to desired maximum ripple
current in the inductor (
∆i). The optimum point is usually
found between 20% and 50% ripple of the output cur-
rent.
For the buck converter, the inductor value for desired
operating ripple current can be determined using the fol-
lowing relation:
The ESR of the output capacitor is calculated by the
following relationship:
The Sanyo TPB series, PosCap capacitor is a good
choice. The 6TPB150M 150
µF, 6.3V has an ESR 40mΩ.
Selecting two of these capacitors in parallel, results to
an ESR of
≅ 20mΩ which achieves our low ESR goal.
Power MOSFET Selection
The IR3637 uses two N-Channel MOSFETs. The selec-
tions criteria to meet power transfer requirements is
based on maximum drain-source voltage (VDSS), gate-
source drive voltage (VGS), maximum output current, On-
resistance RDS(on) and thermal management.
The MOSFET must have a maximum operating voltage
(VDSS) exceeding the maximum input voltage (VIN).
The gate drive requirement is almost the same for both
MOSFETs. Logic-level transistor can be used and cau-
tion should be taken with devices at very low VGS to pre-
vent undesired turn-on of the complementary MOSFET,
which results a shoot-through current.
The total power dissipation for MOSFETs includes con-
duction and switching losses. For the Buck converter
the average inductor current is equal to the DC load cur-
rent. The conduction loss is defined as:
The RDS(ON) temperature dependency should be consid-
ered for the worst case operation. This is typically given
in the MOSFET data sheet. Ensure that the conduction
losses and switching losses do not exceed the package
ratings or violate the overall thermal budget.
Where:
VIN = Maximum Input Voltage
VOUT = Output Voltage
∆i = Inductor Ripple Current
fS = Switching Frequency
∆t = Turn On Time
D = Duty Cycle
VIN - VOUT = L
×
;
∆t = D×
; D =
∆i
∆t
1
fS
VOUT
VIN
L = (VIN - VOUT)
×
---(5)
VOUT
VIN
×∆i×fS
For IOUT=6A and D=0.36, the IRMS=2.8A
IRMS = IOUT
D
×(1-D)
---(3)
Where:
D is the Duty Cycle, D=VOUT/VIN.
IRMS is the RMS value of the input capacitor current.
IOUT is the output current for each channel.
If
∆i = 40%(IO), then the output inductor will be:
L = 1.2
µH
The Coilcraft DO3316 series provides a range of induc-
tors in different values, low profile suitable for large cur-
rents, 1.5
µH, 8A(Isat) is a good choice for this applica-
tion.
Output Capacitor Selection
The criteria to select the output capacitor is normally
based on the value of the Effective Series Resistance
(ESR). In general, the output capacitor must have low
enough ESR to meet output ripple and load transient
requirements, yet have high enough ESR to satisfy sta-
bility requirements.
Where:
∆VO = Output Voltage Ripple
∆IO = Inductor Ripple Current
∆VO=50mV and ∆IO=2.4A
Results to ESR=20.8m
Ω
ESR
≤
---(4)
∆VO
∆IO
2
2
PCOND (Upper Switch) = ILOAD
× RDS(on) × D × ϑ
PCOND (Lower Switch) = ILOAD
× RDS(on) × (1 - D) × ϑ
ϑ = RDS(ON) Temperature Dependency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com