Electronic Components Datasheet Search
  English  ▼

X  

AMC79L05 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AMC79L05
Description  100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AMC79L05 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AMC79L05 Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC79L05 Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC79L05 Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC79L05 Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC79L05 Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC79L05 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AMC DOC. #: AMC79L05_D (LF)
AMC79L05
March
2004
100mA / 3-TERMINAL
NEGATIVE VOLTAGE REGULATOR
Copyright
 2002, ADD Microtech Corp.
4
www.addmtek.com
3-Pin Plastic TO-92
Note: For TO-92 in tape & reel, refer to TO-92 package
and carrier dimension data for lead dimensions.
INCHES
MILLIMETERS
MIN
TYP
MAX
MIN
TYP
MAX
A
0.175 0.180 0.205
4.45
4.57
5.21
B
0.170 0.180 0.210
4.32
4.57
5.33
C
0.125 0.142 0.165
3.18
3.62
4.19
F
-
0.015
-
-
0.38
-
G
-
0.050
-
-
1.27
-
J
-
0.150
-
-
3.81
-
K
0.500 0.580
-
12.70 14.73
-
M
-
5º
-
-
5º
-
N
-
5º
-
-
5º
-
A
B
K
F
G
N
C
M
3-Pin Plastic TO-92 Package (Taped and Reeled) and Carrier Dimensions
INCHES
MILLIMETERS
MIN
TYP
MAX
MIN
TYP
MAX
C
0.079
-
-
2.00
-
-
P
0.480 0.500 0.520
12.2
12.7
13.2
Po 0.488 0.500 0.512
12.4
12.7
13.0
Do 0.150 0.157 0.165
3.8
4.0
4.2
P1 0.230 0.250 0.256
5.85
6.35
6.85
Fo 0.165 0.197 0.220
4.2
5.0
5.6
W 0.669 0.709 0.748
17.0
18.0
19.0
Ho 0.610 0.630 0.649
15.5
16.0
16.5
Wo 0.224 0.236 0.248
5.7
6.0
6.3
W1 0.335 0.354 0.374
8.5
9.0
9.5
Po
C
F1
Fo
Do
Wo
W1
P1
P
Ho
W
Note: For 3L TO92, 2,000 units per Reel



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com