Electronic Components Datasheet Search
  English  ▼

X  

AMC79L05 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AMC79L05
Description  100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AMC79L05 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AMC79L05 Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC79L05 Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC79L05 Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC79L05 Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC79L05 Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC79L05 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AMC DOC. #: AMC79L05_D (LF)
AMC79L05
March
2004
100mA / 3-TERMINAL
NEGATIVE VOLTAGE REGULATOR
Copyright
 2002, ADD Microtech Corp.
5
www.addmtek.com
8-Pin Plastic S.O.I.C.
INCHES
MILLIMETERS
MIN
TYP
MAX
MIN
TYP
MAX
A
0.183
-
0.202
4.65
-
5.13
B
0.144
-
0.163
3.66
-
4.14
C
0.068
-
0.074
1.73
-
1.88
D
0.010
-
0.020
0.25
-
0.51
F
0.015
-
0.035
0.38
-
0.89
G
0.050 BSC
1.27 BSC
J
0.007
-
0.010
0.19
-
0.25
K
0.005
-
0.010
0.13
-
0.25
L
0.189
-
0.205
4.80
-
5.21
M
-
-
8º
-
-
8º
P
0.228
-
0.244
5.79
-
6.20
SEATING PLAN
A
D
F
P
B
K
C
M
L
J
G
Note: for 8 pin S.O.I.C., 100 units per tube



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com