Electronic Components Datasheet Search
  English  ▼

X  

RDF25 Datasheet(PDF) 3 Page - XP Power Limited

Part # RDF25
Description  DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

RDF25 Datasheet(HTML) 3 Page - XP Power Limited

  RDF25 Datasheet HTML 1Page - XP Power Limited RDF25 Datasheet HTML 2Page - XP Power Limited RDF25 Datasheet HTML 3Page - XP Power Limited RDF25 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RDF25 Series
www.xppower.com
DC-DC Converter
3
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
Railway Equipment
EN50121-3-2
Electromagnetic compatibility for rolling stock
apparatus
ESD
EN50121-3-2
±8 kV air discharge, ±6 kV contact
A
Radiated
EN50121-3-2
20 V/m
A
EFT/Burst
EN50121-3-2
±2 kV
A
With external capacitor
Suggested parts are
100 µF/250 V electrolytic capacitors
two in parallel e.g. Ruby-con BXF series
Surge
EN50121-3-2
±2 kV
A
Conducted
EN50121-3-2
10 V rms
A
See application notes
Magnetic Fields
EN61000-4-8
100 A/m
A
Safety Approvals
Safety Agency
Safety Standard
Notes & Conditions
IEC
IEC60950-1/IEC62368-1
ITE
Safety Agency
Safety Standard
Notes & Conditions
EN
EN50155
Railway Applications, Electronic Equipment used on Rolling Stock
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-40
+100
°C
See derating curve
Maximum Case Temperature
+105
°C
Overtemperature Protection
115
°C
Thermal Impedance to Air
9.5
°C/W
Without heatsink
8.5
With heatsink
Storage Temperature
-55
+125
°C
Altitude
5000 m operation
Humidity
95
%RH
Non-condensing
Cooling
IEC/EN 60068-2-1
Dry Heat
IEC/EN 60068-2-2
Damp Heat
IEC/EN 60068-2-30
Shock & Vibration
IEC/EN 61373
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
Railway Equipment
EN50121-3-2
Conducted and Radiated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com